Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2004IRTJR Datasheet(PDF) 30 Page - Texas Instruments

Part # TSC2004IRTJR
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2004IRTJR Datasheet(HTML) 30 Page - Texas Instruments

Back Button TSC2004IRTJR Datasheet HTML 26Page - Texas Instruments TSC2004IRTJR Datasheet HTML 27Page - Texas Instruments TSC2004IRTJR Datasheet HTML 28Page - Texas Instruments TSC2004IRTJR Datasheet HTML 29Page - Texas Instruments TSC2004IRTJR Datasheet HTML 30Page - Texas Instruments TSC2004IRTJR Datasheet HTML 31Page - Texas Instruments TSC2004IRTJR Datasheet HTML 32Page - Texas Instruments TSC2004IRTJR Datasheet HTML 33Page - Texas Instruments TSC2004IRTJR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
www.ti.com
START A WRITE CYCLE
WriteCycle
I CSlaveAddress
2
I C
2
Write-
AddressingByte
ACK
STOP
(1)
START
1 C3 C2 C1 C0 RM
ControlByte1
A
A
S
P
0
1
7
8
I C
2
SlaveAddress
I CWrite-
AddressingByte
2
ACK
STOP
(1)
STOP
(1)
0
0
A3 A2 A1 A0
ControlByte0
DataByte1/2
(HIGHByte)
DataByte2/2
(LOWByte)
A
A
A
A P
S
0
1
7
I C
2
SlaveAddress
I CWrite-
AddressingByte
2
MixedM(ControlByte1orControlByte0withReadBit)
PlusN(ControlByte0withDataBytes),SeparatedbyTSC ACKs
(M+Nx3)x8
A
A
A
A P
S
0
1
7
8
8
8
ConverterFunction Select
TSCInternalRegisterAddressforWriteData
I C
2
SlaveAddress
I CWrite-
AddressingByte
2
ACK
STOP
(1)
0
1
A3 A2 A1 A0
ControlByte0
A
A P
S
0
1
7
8
TSCInternalRegisterStartingAddressmh
(2)
START
START
START
FromMastertoSlave
A=Acknowledge(SDALOW)
N=NotAcknowledge(SDAHIGH)
S=STARTCondition
P=STOPCondition
Sr=RepeatedSTARTCondition
FromSlavetoMaster
NOTES: (1)Inordertostartthenextsequence,aSTOPconditionmustbefollowedbyaSTARTcondition.IfnoSTOPis
used,thenaRepeatedSTARTmustbeused.AlsonotethatisaSTOPconditionisissuedinHigh-Speed
mode,themodewillreverttothepreviousmode:FastorStandard.
(2)mhisahexadecimalnumber.
TSC2004
SBAS408E – JUNE 2007 – REVISED MARCH 2008
A write cycle begins when the master issues the slave address to the TSC2004. The slave address consists of
seven address bits and a write bit (R/W = 0; see Table 5). When the eighth bit has been received and the
address matches the AD1-AD0 address input pin setting, the TSC2004 issues an acknowledge bit by pulling
SDA low for one additional clock cycle (ACK = 0); see Figure 34.
When the master receives the acknowledge bit from the TSC2004, the master writes the input control byte to the
slave; see Table 5. After the control byte is received by the slave, the slave issues another acknowledge bit by
pulling SDA low for one clock cycle (ACK = 0). The master then ends the write cycle by issuing a STOP or
repeated START condition; see Figure 35.
Figure 35. Write Cycle
30
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com