Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC113LRGPR Datasheet(PDF) 28 Page - Texas Instruments

Part # CC113LRGPR
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGPR Datasheet(HTML) 28 Page - Texas Instruments

Back Button CC113LRGPR Datasheet HTML 24Page - Texas Instruments CC113LRGPR Datasheet HTML 25Page - Texas Instruments CC113LRGPR Datasheet HTML 26Page - Texas Instruments CC113LRGPR Datasheet HTML 27Page - Texas Instruments CC113LRGPR Datasheet HTML 28Page - Texas Instruments CC113LRGPR Datasheet HTML 29Page - Texas Instruments CC113LRGPR Datasheet HTML 30Page - Texas Instruments CC113LRGPR Datasheet HTML 31Page - Texas Instruments CC113LRGPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 87 page
background image
CC113L
SWRS108B – MAY 2011 – REVISED JUNE 2014
www.ti.com
The synchronization word is a two-byte value set in the SYNC1 and SYNC0 registers. The sync word
provides byte synchronization of the incoming packet. A one-byte sync word can be emulated by setting
the SYNC1 value to the preamble pattern. It is also possible to emulate a 32 bit sync word by setting
MDMCFG2.SYNC_MODE to 3 or 7. The sync word will then be repeated twice.
CC113L supports both constant packet length protocols and variable length protocols. Variable or fixed
packet length mode can be used for packets up to 255 bytes. For longer packets, infinite packet length
mode must be used.
Fixed packet length mode is selected by setting PKTCTRL0.LENGTH_CONFIG=0. The desired packet
length is set by the PKTLEN register. This value must be different from 0.
In variable packet length mode, PKTCTRL0.LENGTH_CONFIG=1, the packet length is configured by the
first byte after the sync word. The packet length is defined as the payload data, excluding the length byte
and the optional CRC. The PKTLEN register is used to set the maximum packet length allowed in RX. Any
packet received with a length byte with a value greater than PKTLEN will be discarded. The PKTLEN
value must be different from 0.
With PKTCTRL0.LENGTH_CONFIG=2, the packet length is set to infinite and transmission and reception
will continue until turned off manually. As described in Section 5.10.1.1, this can be used to support packet
formats with different length configuration than natively supported by CC113L.
NOTE
The minimum packet length supported (excluding the optional length byte and CRC) is one
byte of payload data.
5.10.1.1 Arbitrary Length Field Configuration
The packet length register, PKTLEN, can be reprogrammed during RX. In combination with fixed packet
length mode ( PKTCTRL0.LENGTH_CONFIG=0), this opens the possibility to have a different length field
configuration than supported for variable length packets (in variable packet length mode the length byte is
the first byte after the sync word). At the start of reception, the packet length is set to a large value. The
MCU reads out enough bytes to interpret the length field in the packet. Then the PKTLEN value is set
according to this value. The end of packet will occur when the byte counter in the packet handler is equal
to the PKTLEN register. Thus, the MCU must be able to program the correct length, before the internal
counter reaches the packet length.
5.10.1.2 Packet Length > 255
The packet automation control register, PKTCTRL0, can be reprogrammed during RX. This opens the
possibility to receive packets that are longer than 256 bytes and still be able to use the packet handling
hardware
support.
At
the
start
of
the
packet,
the
infinite
packet
length
mode
(
PKTCTRL0.LENGTH_CONFIG=2) must be active. When receiving, the MCU reads out enough bytes to
interpret the length field in the packet and sets the PKTLEN register to mod(length, 256). When less than
256 bytes remains of the packet, the MCU disables infinite packet length mode and activates fixed packet
length mode ( PKTCTRL0.LENGTH_CONFIG=0). When the internal byte counter reaches the PKTLEN
value, the transmission or reception ends (the radio enters the state determined by RXOFF_MODE).
Automatic CRC appending/checking can also be used (by setting PKTCTRL0.CRC_EN=1).
28
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com