Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC113LRGPR Datasheet(PDF) 33 Page - Texas Instruments

Part # CC113LRGPR
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button CC113LRGPR Datasheet HTML 29Page - Texas Instruments CC113LRGPR Datasheet HTML 30Page - Texas Instruments CC113LRGPR Datasheet HTML 31Page - Texas Instruments CC113LRGPR Datasheet HTML 32Page - Texas Instruments CC113LRGPR Datasheet HTML 33Page - Texas Instruments CC113LRGPR Datasheet HTML 34Page - Texas Instruments CC113LRGPR Datasheet HTML 35Page - Texas Instruments CC113LRGPR Datasheet HTML 36Page - Texas Instruments CC113LRGPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 87 page
background image
±120
±110
±100
±90
±80
±70
±60
±50
±40
±30
±20
±10
0
±120±110±100 ±90 ±80 ±70 ±60 ±50 ±40 ±30 ±20 ±10
0
Input Power (dBm)
1.2 kBaud
38.4 kBaud
250 kBaud
500 kBaud
C012
±120
±110
±100
±90
±80
±70
±60
±50
±40
±30
±20
±10
0
±120±110±100 ±90 ±80 ±70 ±60 ±50 ±40 ±30 ±20 ±10
0
Input Power (dBm)
1.2 kBaud
38.4 kBaud
250 kBaud
500 kBaud
C011
CC113L
www.ti.com
SWRS108B – MAY 2011 – REVISED JUNE 2014
The RSSI value read from the RSSI status register is a 2s complement number. The following procedure
can be used to convert the RSSI reading to an absolute power level (RSSI_dBm).
1. Read the RSSI status register
2. Convert the reading from a hexadecimal number to a decimal number (RSSI_dec)
3. If RSSI_dec
≥ 128 then RSSI_dBm = (RSSI_dec - 256)/2 – RSSI_offset
4. Else if RSSI_dec < 128 then RSSI_dBm = (RSSI_dec)/2 – RSSI_offset
Table 5-9 gives typical values for the RSSI_offset. Figure 5-9 and Figure 5-10 show typical plots of RSSI
readings as a function of input power level for different data rates.
Table 5-9. Typical RSSI_offset Values
Data rate [kBaud]
RSSI_offset [dB], 433 MHz
RSSI_offset [dB], 868 MHz
1.2
74
74
38.4
74
74
250
74
74
500
74
74
spacer
Figure 5-10. Typical RSSI Value Versus Input Power Level for
Figure 5-9. Typical RSSI Value Versus Input Power Level for
Different Data Rates at 868 MHz
Different Data Rates at 433 MHz
5.12.3 Carrier Sense (CS)
Carrier sense (CS) is used as a sync word qualifier and can be asserted based on two conditions which
can be individually adjusted:
•
CS is asserted when the RSSI is above a programmable absolute threshold, and deasserted when
RSSI is below the same threshold (with hysteresis). See more in Section 5.12.3.1.
•
CS is asserted when the RSSI has increased with a programmable number of dB from one RSSI
sample to the next, and de-asserted when RSSI has decreased with the same number of dB. This
setting is not dependent on the absolute signal level and is thus useful to detect signals in
environments with time varying noise floor. See more in Section 5.12.3.2.
Carrier sense can be used as a sync word qualifier that requires the signal level to be higher than the
threshold for a sync word search to be performed and is set by setting MDMCFG2. The carrier sense
signal can be observed on one of the GDO pins by setting IOCFGx.GDOx_CFG=14 and in the status
register bit PKTSTATUS.CS.
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
33
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com