Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2564MODACMOG Datasheet(PDF) 44 Page - Texas Instruments

Part # CC2564MODACMOG
Description  CC2564MODx Bluetooth® Host Controller Interface (HCI) Module
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 44 Page - Texas Instruments

Back Button CC2564MODACMOG Datasheet HTML 40Page - Texas Instruments CC2564MODACMOG Datasheet HTML 41Page - Texas Instruments CC2564MODACMOG Datasheet HTML 42Page - Texas Instruments CC2564MODACMOG Datasheet HTML 43Page - Texas Instruments CC2564MODACMOG Datasheet HTML 44Page - Texas Instruments CC2564MODACMOG Datasheet HTML 45Page - Texas Instruments CC2564MODACMOG Datasheet HTML 46Page - Texas Instruments CC2564MODACMOG Datasheet HTML 47Page - Texas Instruments CC2564MODACMOG Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
44
CC2564MODN, CC2564MODA
SWRS160E – FEBRUARY 2014 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA
Device and Documentation Support
Copyright © 2014–2017, Texas Instruments Incorporated
Dual-Mode Bluetooth® CC2564 Module Evaluation Board
The CC2564MODNEM evaluation board
contains the CC2564MODN device and is intended for evaluation and design purposes.
Dual-mode Bluetooth® CC2564 Module With Integrated Antenna BoosterPack™ Plug-in Module
The BOOST-CC2564MODA BoosterPack™ plug-in module is intended for evaluation and
design purposes of the dual-mode Bluetooth® CC2564 module with integrated antenna
(CC2564MODA). The CC2564MODA module is based on TI's dual-mode Bluetooth®
CC2564B Controller, which reduces design effort and enables fast time to market. The
CC2564MODA modules provides best-in-class RF performance with a transmit power and
receive sensitivity that provides range of about 2× compared to other Bluetooth low-energy-
only solutions.
Dual-Mode Bluetooth® CC2564 Module With Integrated Antenna Evaluation Board
The
CC2564MODAEM evaluation board contains the Bluetooth BR/EDR/LE HCI solution. Based
on TI's CC2564B dual-mode Bluetooth single-chip device, the bCC2564MODA is intended
for evaluation and design purposes, reducing design effort and enabling fast time to market.
IoT Enabled ARM® Cortex®-M4F MCU TM4C129X Connected Development Kit
The
TM4C129x
Connected Development Kit is a versatile and feature-rich engineering platform that
highlights
the
120-MHz
TM4C129XNCZAD
IoT
Enabled
ARM
Cortex-M4F
based
microcontroller, including an integrated 10/100 Ethernet MAC + PHY as well as many other
key features.
MSP430F5438 Experimenter Board The MSP430F5438 Experimenter Board (MSP-EXP430F5438) is a
microcontroller development for highly integrated, high performance MSP430F5438 MCUs. It
features a 100-pin socket which supports the MSP430F5438A and other devices with similar
pinout. The socket allows for quick upgrades to newer devices or quick applications
changes. It is compatible with many TI low-power RF wireless development kits such as the
CC2520EMK. The Experimenter Board helps designers quickly learn and develop using the
F5xx MCUs, which provide low power, more memory and leading integration for applications
such as energy harvesting, wireless sensing and automatic metering infrastructure (AMI).
MSP430F5529 USB Experimenter’s Board The MSP430F5529 USB microcontroller development kit is
not supported by the Mac or Linux versions of the Code Composer Studio™ Integrated
Development Environment. If you want to work with these operating systems, we suggest
you
select
one
of
the
many
MSP
LaunchPad
development
kits.
The MSP430F5529 Experimenter Board (MSP-EXP430F5529) is a development platform for
the MSP430F5529 device, from the latest generation of MSP430 devices with integrated
USB. The board is compatible with many TI low-power RF wireless evaluation modules such
as the CC2520EMK. The Experimenter Board helps designers quickly learn and develop
using the new F55xx MCUs, which provide the industry's lowest active power consumption,
integrated USB, and more memory and leading integration for applications such as energy
harvesting, wireless sensing and automatic metering infrastructure (AMI).
TM4C123G USB+CAN Development Kit The Tiva C Series TM4C123G Development Kit is a compact
and versatile evaluation platform for the Tiva C Series TM4C123G ARM® Cortex™-M4-
based microcontroller (MCU). The development kit design highlights the TM4C123G MCU
integrated USB 2.0 On-the-Go/Host/Device interface, CAN, precision analog, sensor hub,
and low-power capabilities. The development kit features a Tiva C Series TM4C123GH6PGE
microcontroller in a 144-LQFP package, a color OLED display, USB OTG connector, a
microSD card slot, a coin-cell battery for the low-power Hibernate mode, a CAN transceiver,
a temperature sensor, a nine-axis sensor for motion tracking, and easy-access through-holes
to all of the available device signals.
TI Designs and Reference Designs
CC256x Bluetooth® Reference Design This CC256x Bluetooth® evaluation module reference design is
an RF reference design with antenna which can be easily connected to many Microcontroller
Units (MCUs), such as TI's MSP430 or Tiva C series MCUs. The reference design can be
copied into your board, allowing for a cost-effective design with reduced time to market. This
Bluetooth design is supported by an orderable evaluation module, royalty free software and
documentation, test and certification tips, and community support resources. Visit our wiki for
more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com