Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH71221 Datasheet(PDF) 5 Page - Melexis Microelectronic Systems

Part # TH71221
Description  27 to 930MHz FSK/FM/ASK Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71221 Datasheet(HTML) 5 Page - Melexis Microelectronic Systems

  TH71221 Datasheet HTML 1Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 2Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 3Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 4Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 5Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 6Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 7Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 8Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
TH71221
27 to 930MHz
FSK/FM/ASK Transceiver
39010 071221
Page 5 of 44
Data Sheet
Rev. 005
June/07
1.4
Block Diagram
Fig. 1:
TH71221 block diagram
1.5
User Mode Features
The transceiver can operate in two different user modes. It can be used either as a 3wire-bus-controlled
programmable or as a stand-alone fixed-frequency device. After power up, the transceiver is set to Stand-
alone User Mode (SUM). In this mode, pins FS0/SDEN and FS1/LD must be connected to VEE or VCC in
order to set the desired frequency of operation. There are 4 pre-defined frequency settings: 315MHz,
433.92MHz, 868.3MHz and 915MHz. The logic level at pin FS0/SDEN must not be changed after power up
in order to remain in fixed-frequency mode.
After the first logic level change at pin FS0/SDEN, the transceiver enters into Programmable User Mode
(PUM). In this mode, the user can set any PLL frequency or mode of operation by the SCI. In SUM pins
FS0/SDEN and FS1/LD are used to set the desired frequency, while in PUM pin FS0/SDEN is part of the
3-wire serial control interface (SCI) and pin FS1/LD is the look detector output signal of the PLL synthesizer.
A mode control logic allows several operating modes. In addition to standby, transmit and receive mode, two
idle modes can be selected to run either the reference oscillator only or the whole PLL synthesizer. The PLL
settings for the PLL idle mode are taken over from the last operating mode which can be either receive or
transmit mode.
The different operating modes can be set in SUM and PUM as well. In SUM the user can program the trans-
ceiver via control pins RE/SCLK and TE/SDTA. In PUM the register bits OPMODE are used to select the
modes of operation while pins RE/SCLK and TE/SDTA are part of the SCI.
IN_LNA
LNA
IF
MIX
26
29
28
30
32
31
1
27
IFA
2
7
1.5pF
IN_DEM
3
MIX
Demodulator
FSK
OUT_DTA
OA2
bias
OUT_DEM
SW1
SW2
6
OA1
8
INT1
5
INT2/PDO
4
200k
VEE_PLL
OUT_PA
FSK
ASK
LO
25
PS_PA
24
11
19
9
17
16
15
13
12
RO
RO
R
counter
N
counter
RO
10
Control Logic
SCI
PKDET
VCO
PA
VCC_PLL
20
TNK_LO
23
22
LF
21
18
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com