Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH71221 Datasheet(PDF) 20 Page - Melexis Microelectronic Systems

Part # TH71221
Description  27 to 930MHz FSK/FM/ASK Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71221 Datasheet(HTML) 20 Page - Melexis Microelectronic Systems

Back Button TH71221 Datasheet HTML 16Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 17Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 18Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 19Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 20Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 21Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 22Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 23Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 24Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
TH71221
27 to 930MHz
FSK/FM/ASK Transceiver
39010 071221
Page 20 of 44
Data Sheet
Rev. 005
June/07
Due to the static CMOS design, the SCI consumes virtually no current and it can be programmed in active as
well as in standby mode.
If the transceiver is set from standby mode to any of the active modes (idle, receive, transmit), the SCI set-
tings remain the same as previously set in one of the active modes, unless new settings are done on the SCI
while entering into an active mode.
Fig. 13: Serial Data Input Timing
5
Register Description
As shown in the previous section there are four control words which stipulate the operation of the whole chip.
In Stand-alone User Mode SUM the intrinsic default values with respect to the applied levels at pins FS0 and
FS1 lay down the configuration of the transceiver. In Programmable User Mode (PUM) the register settings
can be changed via 3-wire interface SCI. The default settings which vary with the desired operating
frequency depend on the voltage levels at the frequency selection pins FS0 and FS1 before entering the
PUM. Table 5.1.1 shows the default register settings of different frequency selections. It should be noted that
the channel frequency listed below will be achieved with a crystal frequency of 7.1505 MHz. The following
table depicts an overview of the register configuration of the TH71221.
t
ES
tCWL
t
CS
tCWH
t
CH
t
EW
t
EH
SDEN
SDTA
bit 23
bit 22
bit 1
bit 0
MSB
Invalid
data
Invalid
data
LSB
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com