Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH71221 Datasheet(PDF) 23 Page - Melexis Microelectronic Systems

Part # TH71221
Description  27 to 930MHz FSK/FM/ASK Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71221 Datasheet(HTML) 23 Page - Melexis Microelectronic Systems

Back Button TH71221 Datasheet HTML 19Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 20Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 21Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 22Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 23Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 24Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 25Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 26Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 27Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
TH71221
27 to 930MHz
FSK/FM/ASK Transceiver
39010 071221
Page 23 of 44
Data Sheet
Rev. 005
June/07
5.1.3
B – word
Name
Bits
Description
Reference divider ratio in TX operation mode
RT
[9:0]
4d .. 1023d
Set the desired steady state current of the reference oscillator
ROMIN
[12:10]
000
001
010
011
100
101
110
111
0
μA
75
μA
150
μA
225
μA
300
μA
375
μA
450
μA
525
μA
#default
The control circuitry regulates the current of the oscillator core
between the values ROMAX and ROMIN. As the regulation input
signal the amplitude on pin RO is used. If the ROMIN value is
sufficient to achieve an amplitude of about 400mV on pin RO the
current of the reference oscillator core will be set to ROMIN.
Otherwise the current will be permanently regulated between
ROMAX and ROMIN. If ROMIN and ROMAX are equal no
regulation of the oscillator current occurs. Please also note the
block description of the reference oscillator in para. 3.1.1
Set the start-up current of the reference oscillator
ROMAX
[15:13]
000
001
010
011
100
101
110
111
0
μA
75
μA
150
μA
225
μA
300
μA
375
μA
450
μA
525
μA #default
Set the start-up current of the reference oscillator core. Please
also note the description of the ROMIN register and the block
description of the reference oscillator which can be seen above.
OA2 operation
0
1
disabled
enabled
#default
OA2
[16]
OA2 can be enabled in FSK receive mode. OA2 is disabled in ASK mode receive.
Internal AFC feature
0
1
disabled
enabled
#default
AFC
[17]
Hysteresis on pin GAIN_LNA
LNAHYST
[18]
0
1
disabled
enabled
#default
Delayed start of the PLL
0
undelayed start
PLL starts at the reference oscillator start-up
1
starts after 8 valid RO-cycles
#default
DELPLL
[19]
PLL starts after 8 valid RO-cycles before entering an active mode to ensure reliable oscillation
of the reference oscillator.
not used
[20]
set to ‘1’ for correct function
RSSI Peak Detector
0
disabled
#default
The RSSI output signal directly feeds the data slicer setup by means of OA1.
1
enabled
PKDET
[21]
In ASK receive mode the RSSI Peak Detector output is multiplexed to pin INT2/PDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com