Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH71221 Datasheet(PDF) 10 Page - Melexis Microelectronic Systems

Part # TH71221
Description  27 to 930MHz FSK/FM/ASK Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71221 Datasheet(HTML) 10 Page - Melexis Microelectronic Systems

Back Button TH71221 Datasheet HTML 6Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 7Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 8Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 9Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 10Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 11Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 12Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 13Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 14Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
TH71221
27 to 930MHz
FSK/FM/ASK Transceiver
39010 071221
Page 10 of 44
Data Sheet
Rev. 005
June/07
3
Functional Description
3.1
PLL Frequency Synthesizer
The TH71221 contains an integer-N PLL frequency synthesizer. A PLL circuit performs the frequency syn-
thesis via a feedback mechanism. The output frequency fVCO is generated as an integer multiple of the phase
detector comparison frequency fR .This reference frequency fR is generated by dividing the output frequency
fRO of a crystal oscillator. The phase detector utilizes this signal as a reference to tune the VCO and in the
locked state it must be equal to the desired output frequency, divided by the feedback divider ratio N.
Fig. 2:
Integer-N PLL Frequency Synthesizer Topology
The output frequency of the synthesizer fVCO can be selected by programming the feedback divider and the
reference divider. The only constraint for the frequency output of the system is that the minimum frequency
resolution, or the channel spacing, must be equal to the PFD frequency fR, which is given by the reference
frequency fRO and the reference divider factor R:
R
f
f
RO
R =
.
(1)
When the PLL is unlocked (e.g. during power up or during reprogramming of a new feedback divider ratio N),
the phase-frequency detector PFD and the charge pump create an error signal proportional to the phase
difference of the two input signals. This error signal is low-pass filtered through the external loop filter and
input to the VCO to control its frequency. A very low frequency resolution increases the settling time of the
PLL and reduces the ability to cancel out VCO perturbations, because the loop filter is updated every 1/fR.
After the PLL has locked, the VCO frequency is given by the following equation:
R
RO
VCO
f
N
R
f
N
f
⋅
=
⋅
=
.
(2)
There are four registers available to set the VCO frequencies in receive (registers RR and NR) and in trans-
mit mode (registers RT and NT). These registers can be programmed using the Serial Control Interface in
Programmable User Mode (PUM). In case of Stand-alone User Mode (SUM), the registers are set fixed val-
ues (refer to para. 4.1.1).
The VCO frequency is equal to the carrier frequency in transmit mode. While in receive mode the VCO
frequency is offset by the intermediate frequency IF. This is because of the super-heterodyne nature of the
receive part.
Feedback
Divider
Voltage Controlled
Oscillator
VCO
f
Reference
Oscillator
Reference
Divider
Phase-frequency
Detector
Charge
Pump
RO
f
N
f
R
f
External
Loop Filter
LF
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com