Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH71221 Datasheet(PDF) 32 Page - Melexis Microelectronic Systems

Part # TH71221
Description  27 to 930MHz FSK/FM/ASK Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71221 Datasheet(HTML) 32 Page - Melexis Microelectronic Systems

Back Button TH71221 Datasheet HTML 28Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 29Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 30Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 31Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 32Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 33Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 34Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 35Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 36Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
TH71221
27 to 930MHz
FSK/FM/ASK Transceiver
39010 071221
Page 32 of 44
Data Sheet
Rev. 005
June/07
7.2
FSK Application Circuit Stand-alone User Mode
Fig. 15: Test circuit for FSK operation in Stand-alone User Mode
see para. 4.1.1
CB7
C5
CRX0
CTX0
CB2
CF2
C4
CX2
C2
L1
CB1
C1
LTX0
CTX4
RPS
RSSI
FSK
input
XTAL CX1
RX
enable
TX
enable
C3
CF1
L0
RF
RX_IN
TX_OUT
FSK
output
Combining
network
CB6
CB0
VCC
C0
CB4
CB5
RP
C3
TH71221
9
10
11
12
13
14
15
16
8
12
3
45
6
7
32L QFN 5x5
VEE_RO
RO
FSK_SW
IN_DTA
ASK/FSK
VCC_DIG
RE/SCLK
GAIN_LNA
VEE_IF
IN_MIX
OUT_MIX
OUT_PA
OUT_LNA
VEE_LNA
IN_LNA
32
31
30
29
28
27
26
25
RB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com