Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7566ASTZF8-RL Datasheet(PDF) 27 Page - Analog Devices

Part # ADE7566ASTZF8-RL
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF8-RL Datasheet(HTML) 27 Page - Analog Devices

Back Button ADE7566ASTZF8-RL Datasheet HTML 23Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 24Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 25Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 26Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 27Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 28Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 29Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 30Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 27 of 144
Table 22. Scratch Pad 2 SFR (SCRATCH2, 0xFC)
Bit
Mnemonic
Default
Description
7 to 0
SCRATCH2
0
Value can be written/read in this register. This value is maintained in all the power saving modes.
Table 23. Scratch Pad 3 SFR (SCRATCH3, 0xFD)
Bit
Mnemonic
Default
Description
7 to 0
SCRATCH3
0
Value can be written/read in this register. This value is maintained in all the power saving modes.
Table 24. Scratch Pad 4 SFR (SCRATCH4, 0xFE)
Bit
Mnemonic
Default
Description
7 to 0
SCRATCH4
0
Value can be written/read in this register. This value is maintained in all the power saving modes.
Clearing the Scratch Pad Registers (SCRATCH1, 0xFB to SCRATCH4, 0xFE)
Note that these scratch pad registers are only cleared when the part loses VDD and VBAT. They are not cleared by software, watchdog, or
PLL reset and, therefore, need to be set correctly in these situations.
Table 25. Power Control SFR (POWCON, 0xC5)
Bit
Mnemonic
Default
Description
7
RESERVED
1
Reserved.
6
METER_OFF
0
Set this bit to turn off the modulators and energy metering DSP circuitry to reduce power if
metering functions are not needed in PSM0.
5
RESERVED
0
This bit should be kept at 0 for proper operation.
4
COREOFF
0
Set this bit to shut down the core and enter PSM2 if in the PSM1 operating mode.
3
RESERVED
0
Reserved.
Controls the core clock frequency, fCORE. fCORE = 4.096 MHz/2CD.
CD[2:0]
Result (fCORE in MHz)
000
4.096
001
2.048
010
1.024
011
0.512
100
0.256
101
0.128
110
0.064
2 to 0
CD[2:0]
010
111
0.032
Writing to the Power Control SFR (POWCON, 0xC5)
Writing data to the POWCON SFR involves writing 0xA7 into the Key SFR (KYREG, 0xC1), which is described in Table 116, followed by
a write to the POWCON SFR. For example:
MOV KYREG,#0A7h
;Write KYREG to 0xA7 to get write access to the POWCON SFR
MOV POWCON,#10h
;Shutdown the core



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com