Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7566ASTZF8-RL Datasheet(PDF) 46 Page - Analog Devices

Part # ADE7566ASTZF8-RL
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF8-RL Datasheet(HTML) 46 Page - Analog Devices

Back Button ADE7566ASTZF8-RL Datasheet HTML 42Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 43Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 44Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 45Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 46Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 47Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 48Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 49Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 46 of 144
Table 44. Interrupt Enable 3 SFR (MIRQENH, 0xDB)
Bit
Interrupt Enable Bit
Description
7 to 6
Reserved.
5
WFSM
When this bit is set, the WFSM flag set creates a pending ADE interrupt to the 8052 core.
4
PKI
When this bit is set, the PKI flag set creates a pending ADE interrupt to the 8052 core.
3
PKV
When this bit is set, the PKV flag set creates a pending ADE interrupt to the 8052 core.
2
CYCEND
When this bit is set, the CYCEND flag set creates a pending ADE interrupt to the 8052 core.
1
ZXTO
When this bit is set, the ZXTO flag set creates a pending ADE interrupt to the 8052 core.
0
ZX
When this bit is set, the ZX flag set creates a pending ADE interrupt to the 8052 core.
K × VIN
VP1
VN1
0
000
0000
7654
3210
GAIN[7:0]
GAIN (K)
SELECTION
VIN
ANALOG INPUTS
Each ADE7566/ADE7569/ADE7166/ADE7169 has two fully
differential voltage input channels. The maximum differential
input voltage for input pairs VP/VN and IP/IN is ±0.4 V. for the
ADE7566 and ADE7569.
For the ADE7166 and ADE7169, PGA1 = 1 is not recommended
because at full scale, when both IPA and IPB are 180° out of phase,
the ADC can be overranged. It is recommended, for these
products, that PGA1 = 2, 4, 8, or 16 be used.
Each analog input channel has a programmable gain amplifier
(PGA) with possible gain selections of 1, 2, 4, 8, and 16. The
gain selections are made by writing to the GAIN register (see
Figure 40. PGA in Current Channel
0
000
000
0
7
654
32
10
GAIN REGISTER*
CURRENT AND VOLTAGE CHANNELS PGA CONTROL
PGA2 GAIN SELECT
000 = × 1
001 = × 2
010 = × 4
011 = × 8
100 = × 16
PGA1 GAIN SELECT
000 = × 1
001 = × 2
010 = × 4
011 = × 8
100 = × 16
RESERVED
*REGISTER CONTENTS SHOW POWER-ON DEFAULTS.
ADDR:
0x1B
CFSIGN_OPT
Table 37 and Figure 41). Bit 0 to Bit 2 select the gain for the PGA
in the current channel, and Bit 5 to Bit 7 select the gain for the
PGA in the voltage channel. For the ADE7166 and ADE7169, it
is recommended that PGA1 = 2, 4, 8, or 16 be used. Figure 40
shows how a gain selection for the current channel is made
using the gain register.
Figure 41. Analog Gain Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com