Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7566ASTZF8-RL Datasheet(PDF) 34 Page - Analog Devices

Part # ADE7566ASTZF8-RL
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF8-RL Datasheet(HTML) 34 Page - Analog Devices

Back Button ADE7566ASTZF8-RL Datasheet HTML 30Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 31Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 32Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 33Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 34Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 35Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 36Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 37Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 34 of 144
3.3 V PERIPHERALS AND WAKE-UP EVENTS
Some of the 3.3 V peripherals are capable of waking the
ADE7566/ADE7569/ADE7166/ADE7169 from PSM2. The
events that can cause the ADE7566/ADE7569/ADE7166/
ADE7169 to wake up from PSM2 are listed in the wake-up
events column in Table 28. The interrupt flag associated with
these events must be cleared prior to executing instructions that
put the ADE7566/ADE7569/ ADE7166/ADE7169 in PSM2
mode after wake-up.
Table 28. 3.3 V Peripherals and Wake-Up Events
3.3 V
Peripheral
Wake-
Up Event
Wake-Up
Enable Bits
Flag
Interrupt
Vector
Comments
Temperature
ADC
∆T
Maskable
ITADC
The temperature ADC can wake up the ADE7566/ADE7569/
ADE7166/ADE7169 if the ITADC flag is set. A pending interrupt is
generated according to the description in the Temperature
Measurement section. This wake-up event can be disabled by
disabling temperature measurements in the Temperature and
Supply Delta SFR (DIFFPROG, 0xF3) in PSM2. The temperature
interrupt needs to be serviced and acknowledged prior to
entering PSM2 mode.
VDCIN ADC
ΔV
Maskable
FVDCIN
IPSM
The VDCIN measurement can wake up the ADE7566/ADE7569/
ADE7166/ADE7169. The FVDCIN is set according to the description
in the External Voltage Measurement section. This wake-up event
can be disabled by clearing the EVDCIN in the Power Management
Interrupt Enable SFR (IPSME, 0xEC); see Table 20. The FVDCIN flag
needs to be cleared prior to entering PSM2 mode.
Power Supply
Management
PSR
Nonmaskable
PSR
IPSM
The ADE7566/ADE7569/ADE7166/ADE7169 wake up if the power
supply is restored (if VSWOUT switches to be connected to VDD). The
VSWSOURCE flag, Bit 6 of the Peripheral Configuration SFR
(PERIPH, 0xF4), is set to indicate that VSWOUT is connected to VDD.
Midnight
Nonmaskable
Midnight
IRTC
The ADE7566/ADE7569/ADE7166/ADE7169 wake up at midnight
every day to update their calendars. The RTC interrupt needs to be
serviced and acknowledged prior to entering PSM2 mode.
RTC
Alarm
Maskable
Alarm
IRTC
An alarm can be set to wake the ADE7566/ADE7569/ADE7166/
ADE7169 after the desired amount of time. The RTC alarm is
enabled by setting the ALARM bit in the RTC Configuration SFR
(TIMECON, 0xA1). The RTC interrupt needs to be serviced and
acknowledged prior to entering PSM2 mode.
All I/O pins are treated as inputs. The weak pull-up on each I/O pin can be disabled individually in the Port 0 Weak Pull-Up
Enable SFR (PINMAP0, 0xB2), Port 1 Weak Pull-Up Enable SFR (PINMAP1, 0xB3), and Port 2 Weak Pull-Up Enable SFR
(PINMAP2, 0xB4) to decrease current consumption. The interrupts can be enabled/disabled.
INT0
INT0PRG = 1
IE0
The edge of the interrupt is selected by Bit IT0 in the TCON register.
The IE0 flag bit in the TCON register is not affected. The Interrupt 0
interrupt needs to be serviced and acknowledged prior to entering
PSM2 mode.
INT1
INT1PRG[2:0]
= 11x
IE1
The edge of the interrupt is selected by Bit IT1 in the TCON register.
The IE1 flag bit in the TCON register is not affected. The Interrupt 1
interrupt needs to be serviced and acknowledged prior to
entering PSM2 mode.
I/O Ports
Rx Edge
RXPROG[1:0]
= 11
PERIPH.7
(RXFG)
An Rx edge event occurs if a rising or falling edge is detected on
the Rx line. The UART RxD flag needs to be cleared prior to
entering PSM2 mode.
External Reset
RESET
Nonmaskable
If the RESET pin is brought low while the ADE7566/ADE7569/
ADE7166/ADE7169 is in PSM2, it wakes up to PSM1.
LCD
The LCD can be enabled/disabled in PSM2. The LCD data memory
remains intact.
Scratch Pad
The four SCRATCHx registers remain intact in PSM2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com