Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7566ASTZF8-RL Datasheet(PDF) 30 Page - Analog Devices

Part # ADE7566ASTZF8-RL
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF8-RL Datasheet(HTML) 30 Page - Analog Devices

Back Button ADE7566ASTZF8-RL Datasheet HTML 26Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 27Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 28Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 29Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 30Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 31Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 32Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 33Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 30 of 144
Battery Switchover and Power Supply Restored
PSM Interrupt
The ADE7566/ADE7569/ADE7166/ADE7169 can be
configured to generate a PSM interrupt when the source of
VSWOUT changes from VDD to VBAT, indicating battery switchover.
Setting the EBSO bit in the Power Management Interrupt
Enable SFR (IPSME, 0xEC) enables this event to generate a
PSM interrupt (see Table 20).
The ADE7566/ADE7569/ADE7166/ADE7169 can also be
configured to generate an interrupt when the source of VSWOUT
changes from VBAT to VDD, indicating that the VDD power supply
has been restored. Setting the EPSR bit in the Power Management
Interrupt Enable SFR (IPSME, 0xEC) enables this event to generate
a PSM interrupt.
The flags in the IPSME SFR for these interrupts, FBSO and
FPSR, are set regardless of whether the respective enable bits
have been set. The battery switchover and power supply restore
event flags, FBSO and FPSR, are latched. These events must be
cleared by writing a 0 to these bits. Bit 6 in the Peripheral
Configuration SFR (PERIPH, 0xF4), VSWSOURCE, tracks the
source of VSWOUT. The bit is set when VSWOUT is connected to VDD
and cleared when VSWOUT is connected to VBAT.
VDCIN ADC PSM Interrupt
The ADE7566/ADE7569/ADE7166/ADE7169 can be
configured to generate a PSM interrupt when VDCIN changes
magnitude by more than a configurable threshold. This threshold
is set in the Temperature and Supply Delta SFR (DIFFPROG,
0xF3), which is described in Table 49. See the External Voltage
Measurement section for more information. Setting the
EVDCIN bit in the Power Management Interrupt Enable SFR
(IPSME, 0xEC) enables this event to generate a PSM interrupt.
The VDCIN voltage is measured using a dedicated ADC. These
measurements take place in the background at intervals to check
the change in VDCIN. Conversions can also be initiated by writing to
the Start ADC Measurement SFR (ADCGO, 0xD8) described in
Table 50. The FVDCIN flag indicates when a VDCIN measurement
is ready. See the External Voltage Measurement section for
details on how VDCIN is measured.
VBAT Monitor PSM Interrupt
The VBAT voltage is measured using a dedicated ADC. These
measurements take place in the background at intervals to
check the change in VBAT. The FBAT bit is set when the battery
level is lower than the threshold set in the Battery Detection
Threshold SFR (BATVTH, 0xFA), described in Table 51, or
when a new measurement is ready in the Battery ADC Value
SFR (BATADC, 0xDF), described in Table 53. See the Battery
Measurement section for more information. Setting the EBAT
bit in the Power Management Interrupt Enable SFR (IPSME,
0xEC) enables this event to generate a PSM interrupt.
VDCIN Monitor PSM Interrupt
The VDCIN voltage is monitored by a comparator. The FVDCIN
bit in the Power Management Interrupt Flag SFR (IPSMF, 0xF8)
Power Management Interrupt Flag SFR (IPSMF, 0xF8) is set
when the VDCIN input level is lower than 1.2 V. Setting the
EVDCIN bit in the IPSME SFR enables this event to generate a
PSM interrupt. This event, which is associated with the SAG
monitoring, can be used to detect a power supply (VDD) being
compromised and to trigger further actions prior to deciding a
switch of VDD to VBAT.
SAG Monitor PSM Interrupt
The ADE7566/ADE7569/ADE7166/ADE7169 energy
measurement DSP monitors the ac voltage input at the VP and
VN input pins. The SAGLVL register is used to set the threshold
for a line voltage SAG event. The FSAG bit in the Power
Management Interrupt Flag SFR (IPSMF, 0xF8) is set if the line
voltage stays below the level set in the SAGLVL register for the
number of line cycles set in the SAGCYC register. See the Line
Voltage SAG Detection section for more information. Setting
the ESAG bit in the Power Management Interrupt Enable SFR
(IPSME, 0xEC) enables this event to generate a PSM interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com