Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7566ASTZF8-RL Datasheet(PDF) 68 Page - Analog Devices

Part # ADE7566ASTZF8-RL
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF8-RL Datasheet(HTML) 68 Page - Analog Devices

Back Button ADE7566ASTZF8-RL Datasheet HTML 64Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 65Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 66Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 67Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 68Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 69Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 70Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 71Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 68 of 144
The gain of the apparent energy can be adjusted by using the
multiplier and by writing a twos complement, 12-bit word to the
VAGAIN register (VAGAIN[11:0]). Equation 32 shows how the
gain adjustment is related to the contents of the VAGAIN register.
APPARENT POWER CALCULATION
Apparent power is defined as the maximum power that can be
delivered to a load. Vrms and Irms are the effective voltage and
current delivered to the load, respectively. Therefore, the apparent
power (AP) = Vrms × Irms. This equation is independent from the
phase angle between the current and the voltage.
Output VAGAIN
=
⎟
⎠
⎞
⎜
⎝
⎛
⎭
⎬
⎫
⎩
⎨
⎧ +
×
12
2
1
VAGAIN
Power
Apparent
(32)
Equation 31 gives an expression of the instantaneous power
signal in an ac system with a phase shift.
()
2
sin( )
rms
vt
V
t
ω
=
(28)
()
)
sin(
2
θ
+
ω
=
t
I
t
i
rms
(29)
)
(
)
(
)
(
t
i
t
v
t
p
×
=
(30)
( )
)
2
cos(
)
cos(
θ
+
ω
−
θ
=
t
I
V
I
V
t
p
rms
rms
rms
rms
(31)
For example, when 0x7FF is written to the VAGAIN register, the
power output is scaled up by 50% (0x7FF = 2047d, 2047/212 = 0.5).
Similarly, 0x800 = –2047d (signed twos complement) and power
output is scaled by –50%. Each LSB represents 0.0244% of the
power output. The apparent power is calculated with the current
and voltage rms values obtained in the rms blocks of the
ADE7566/ADE7569/ADE7166/ADE7169.
Apparent Power Offset Calibration
Figure 75 illustrates the signal processing for the calculation of
the apparent power in the ADE7566/ADE7569/ADE7166/
ADE7169.
Each rms measurement includes an offset compensation register to
calibrate and eliminate the dc component in the rms value (see the
Current Channel RMS Calculation section and the Voltage
Channel RMS Calculation
The apparent power signal can be read from the waveform register
by setting the WAVMODE register (0x0D) and setting the WFSM
bit in the Interrupt Enable 3 SFR (MIRQENH, 0xDB). Like the
current and voltage channel waveform sampling modes, the
waveform data is available at sample rates of 25.6 kSPS,
12.8 kSPS, 6.4 kSPS, or 3.2 kSPS.
section). The voltage and current
channels rms values are then multiplied together in the
apparent power signal processing. Because no additional offsets
are created in the multiplication of the rms values, there is no
specific offset compensation in the apparent power signal
processing. The offset compensation of the apparent power
measurement is done by calibrating each individual rms
measurement.
Vrms
Irms
0x1A36E2
APPARENT POWER
SIGNAL (P)
CURRENT RMS SIGNAL – i(t)
VOLTAGE RMS SIGNAL – v(t)
0x00
0x1CF68C
0x00
0x1CF68C
VAGAIN
TO
DIGITAL-TO-FREQUENCY
CONVERTER
VARMSCFCON
Figure 75. Apparent Power Signal Processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com