Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7566ASTZF8-RL Datasheet(PDF) 111 Page - Analog Devices

Part # ADE7566ASTZF8-RL
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF8-RL Datasheet(HTML) 111 Page - Analog Devices

Back Button ADE7566ASTZF8-RL Datasheet HTML 107Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 108Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 109Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 110Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 111Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 112Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 113Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 114Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 115Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 111 of 144
Mode 0 (13-Bit Timer/Counter)
Table 106. Timer 0 High Byte SFR (TH0, 0x8C)
Bit
Mnemonic
Default
Description
Mode 0 configures an 8-bit timer/counter. Figure 95 shows
Mode 0 operation. Note that the divide-by-12 prescaler is not
present on the single cycle core.
7 to 0
TH0
0
Timer 0 Data High Byte.
Table 107. Timer 0 Low Byte SFR (TL0, 0x8A)
CONTROL
TR0
TF0
TL0
(5 BITS)
TH0
(8 BITS)
INTERRUPT
P0.6/T0
GATE
INT0
fCORE
C/T0 = 0
C/T0 = 1
Bit
Mnemonic
Default
Description
7 to 0
TL0
0
Timer 0 Data Low Byte.
Table 108. Timer 1 High Byte SFR (TH1, 0x8D)
Bit
Mnemonic
Default
Description
7 to 0
TH1
0
Timer 1 Data High Byte.
Table 109. Timer 1 Low Byte SFR (TL1, 0x8B)
Bit
Mnemonic
Default
Description
7 to 0
TL1
0
Timer 1 Data Low Byte.
Figure 95. Timer/Counter 0, Mode 0
In this mode, the timer register is configured as a 13-bit register.
As the count rolls over from all 1s to all 0s, it sets the timer
overflow flag, TF0. TF0 can then be used to request an interrupt.
The counted input is enabled to the timer when TR0 = 1 and either
Gate0 = 0 or
Table 110. Timer 2 High Byte SFR (TH2, 0xCD)
Bit
Mnemonic
Default
Description
7 to 0
TH2
0
Timer 2 Data High Byte.
Table 111. Timer 2 Low Byte SFR (TL2, 0xCC)
INT0 = 1. Setting Gate0 = 1 allows the timer to be
controlled by external input
Bit
Mnemonic
Default
Description
INT0 to facilitate pulse width
measurements. TR0 is a control bit in the Timer/Counter 0 and
Timer/Counter 1 Control SFR (TCON, 0x88); the Gate bit is in
Timer/Counter 0 and Timer/Counter 1 Mode SFR (TMOD, 0x89).
The 13-bit register consists of all 8 bits of Timer 0 High Byte
SFR (TH0, 0x8C) and the lower 5 bits of Timer 0 Low Byte SFR
(TL0, 0x8A). The upper three bits of TL0 SFR are indeterminate
and should be ignored. Setting the run flag (TR0) does not clear
the registers.
7 to 0
TL2
0
Timer 2 Data Low Byte.
Table 112. Timer 2 Reload/Capture High Byte SFR
(RACP2H, 0xCB)
Bit
Mnemonic
Default
Description
7 to 0
TH2
0
Timer 2 Reload/
Capture High Byte.
Table 113. Timer 2 Reload/Capture Low Byte SFR
(RACP2L, 0xCA)
Mode 1 (16-Bit Timer/Counter)
Bit
Mnemonic
Default
Description
Mode 1 is the same as Mode 0 except that the Mode 1 timer
register runs with all 16 bits. Mode 1 is shown in
7 to 0
TL2
0
Timer 2 Reload/
Capture Low Byte.
Figure 96.
CONTROL
TR0
TF0
TL0
(8 BITS)
TH0
(8 BITS)
INTERRUPT
0
P0.6/T0
GATE
INT
C/T0 = 0
C/T0 = 1
fCORE
TIMER 0 AND TIMER 1
Timer/Counter 0 and Timer/Counter 1 Data Registers
Each timer consists of two 8-bit registers. They are Timer 0
High Byte SFR (TH0, 0x8C), Timer 0 Low Byte SFR (TL0, 0x8A),
Timer 1 High Byte SFR (TH1, 0x8D), and Timer 1 Low Byte SFR
(TL1, 0x8B) These can be used as independent registers or
combined into a single 16-bit register, depending on the timer
mode configuration (see Table 106 to Table 109).
Timer/Counter 0 and Timer/Counter 1 Operating Modes
Figure 96. Timer/Counter 0, Mode 1
This section describes the operating modes for Timer/Counter 0
and Timer/Counter 1. Unless otherwise noted, these modes of
operation are the same for both Timer 0 and Timer 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com