Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7566ASTZF8-RL Datasheet(PDF) 124 Page - Analog Devices

Part # ADE7566ASTZF8-RL
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF8-RL Datasheet(HTML) 124 Page - Analog Devices

Back Button ADE7566ASTZF8-RL Datasheet HTML 120Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 121Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 122Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 123Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 124Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 125Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 126Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 127Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 128Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 124 of 144
All of the following conditions must be met at the time the final
shift pulse is generated to receive a character:
UART OPERATION MODES
Mode 0 (Shift Register with Baud Rate Fixed at fCORE/12)
•
If the extended UART is disabled (EXTEN = 0 in the CFG
SFR), RI must be 0 to receive a character. This ensures that
the data in the SBUF SFR is not overwritten if the last
received character has not been read.
Mode 0 is selected when the SM0 and SM1 bits in the Serial
Communications Control Register Bit Description SFR (SCON,
0x98) are cleared. In this shift register mode, serial data enters
and exits through RxD. TxD outputs the shift clock. The baud
rate is fixed at fCORE/12. Eight data bits are transmitted or
received.
•
If frame error checking is enabled by setting SM2, the
received stop bit must be set to receive a character. This
ensures that every character received comes from a valid
frame, with both a start bit and a stop bit.
Transmission is initiated by any instruction that writes to the
Serial Port Buffer SFR (SBUF, 0x99). The data is shifted out of
the RxD line. The eight bits are transmitted with the least
significant bit (LSB) first.
If any of these conditions are not met, the received frame is
irretrievably lost, and the receive interrupt flag (RI) is not set.
Reception is initiated when the receive enable bit (REN) is 1
and the receive interrupt bit (RI) is 0. When RI is cleared, the
data is clocked into the RxD line, and the clock pulses are
output from the TxD line as shown in
If the received frame has met the previous criteria, the following
events occur:
•
The eight bits in the receive shift register are latched into
the SBUF SFR.
Figure 102.
RxD
(DATA OUT)
TxD
(SHIFT CLOCK)
DATA BIT 0
DATA BIT 1
DATA BIT 6
DATA BIT 7
•
The ninth bit (stop bit) is clocked into RB8 in the SCON SFR.
•
The receiver interrupt flag (RI) is set.
Mode 2 (9-Bit UART with Baud Fixed at fCORE/64 or fCORE/32)
Figure 102. 8-Bit Shift Register Mode
Mode 2 is selected by setting SM0 and clearing SM1. In this
mode, the UART operates in 9-bit mode with a fixed baud rate.
The baud rate is fixed at fCORE/64 by default, although setting the
SMOD bit in the Program Control SFR (PCON, 0x87) doubles
the frequency to fCORE/32. Eleven bits are transmitted or received:
a start bit (0), eight data bits, a programmable ninth bit, and a
stop bit (1). The ninth bit is most often used as a parity bit or as
part of a multiprocessor communication protocol, although it
can be used for anything, including a ninth data bit, if required.
Mode 1 (8-Bit UART, Variable Baud Rate)
Mode 1 is selected by clearing SM0 and setting SM1. Each data
byte (LSB first) is preceded by a start bit (0) and followed by a
stop bit (1). Therefore, each frame consists of 10 bits transmitted
on TxD or received on RxD.
The baud rate is set by a timer overflow rate. Timer 1 or Timer 2
can be used to generate baud rates, or both timers can be used
simultaneously where one generates the transmit rate and the
other generates the receive rate. There is also a dedicated timer
for baud rate generation, the UART timer, which has a fractional
divisor to precisely generate any baud rate (see the
To use the ninth data bit as part of a communication protocol for
a multiprocessor network such as RS-485, the ninth bit is set to
indicate that the frame contains the address of the device with
which the master wants to communicate. The devices on the
network are always listening for a packet with the ninth bit set
and are configured such that if the ninth bit is cleared, the frame
is not valid, and a receive interrupt is not generated. If the ninth
bit is set, all devices on the network receive the address and obtain a
receive character interrupt. The devices examine the address and, if
it matches one of the device’s preprogrammed addresses, that
device configures itself to listen to all incoming frames, even those
with the ninth bit cleared. Because the master has initiated
communication with that device, all the following packets with
the ninth bit cleared are intended specifically for that addressed
device until another packet with the ninth bit set is received. If
the address does not match, the device continues to listen for
address packets.
UART Timer
Generated Baud Rates section).
Transmission is initiated by a write to the Serial Port Buffer SFR
(SBUF, 0x99). Next, a stop bit (1) is loaded into the ninth bit
position of the transmit shift register. The data is output bit-by-
bit until the stop bit appears on TxD and the transmit interrupt
flag (TI) is automatically set as shown in Figure 103.
TxD
TI
(SCON.1)
START
BIT
D0
D1
D2
D3
D4
D5
D6
D7
STOP BIT
SET INTERRUPT
(FOR EXAMPLE,
READY FOR MORE DATA)
Figure 103. 8-Bit Variable Baud Rate
Reception is initiated when a 1-to-0 transition is detected on
RxD. Assuming that a valid start bit is detected, character
reception continues. The eight data bits are clocked into the
serial port shift register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com