Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7566ASTZF8-RL Datasheet(PDF) 137 Page - Analog Devices

Part # ADE7566ASTZF8-RL
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF8-RL Datasheet(HTML) 137 Page - Analog Devices

Back Button ADE7566ASTZF8-RL Datasheet HTML 133Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 134Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 135Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 136Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 137Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 138Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 139Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 140Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 141Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 137 of 144
I/O PORTS
Weak Internal Pull-Ups Enabled
PARALLEL I/O
A pin with weak internal pull-up enabled is used as an input by
writing a 1 to the pin. The pin is pulled high by the internal pull-
ups, and the pin is read using the circuitry shown in
The ADE7566/ADE7569/ADE7166/ADE7169 use three
input/output ports to exchange data with external devices. In
addition to performing general-purpose I/O, some are capable of
driving an LCD or performing alternate functions for the
peripherals available on-chip. In general, when a peripheral is
enabled, the pins associated with it cannot be used as a general-
purpose I/O. The I/O port can be configured through the SFRs
in
Figure 114.
If the pin is driven low externally, it sources current because of
the internal pull-ups.
A pin with internal pull-up enabled is used as an output by
writing a 1 or a 0 to the pin to control the level of the output. If
a 0 is written to the pin, it drives a logic low output voltage
(VOL) and is capable of sinking 1.6 mA.
Table 148.
Table 148. I/O Port SFRs
Open Drain (Weak Internal Pull-Ups Disabled)
SFR
Address
Bit Addressable
Description
When the weak internal pull-up on a pin is disabled, the pin
becomes open drain. Use this open-drain pin as a high impedance
input by writing a 1 to the pin. The pin is read using the circuitry
shown in
P0
0x80
Yes
Port 0 Register.
P1
0x90
Yes
Port 1 Register.
P2
0xA0
Yes
Port 2 Register.
Figure 114. The open-drain option is preferable for
inputs because it draws less current than the internal pull-ups
that were enabled.
EPCFG
0x9F
No
Extended Port
Configuration.
PINMAP0
0xB2
No
Port 0 Weak
Pull-Up Enable.
38 kHz Modulation
PINMAP1
0xB3
No
Port 1 Weak
Pull-Up Enable.
Every ADE7566/ADE7569/ADE7166/ADE7169 provides a
38 kHz modulation signal. The 38 kHz modulation is
accomplished by internally XOR’ing the level written to the I/O
pin with a 38 kHz square wave. Then, when a 0 is written to the
I/O pin, it is modulated as shown in
PINMAP2
0xB4
No
Port 2 Weak
Pull-Up Enable.
The three bidirectional I/O ports have internal pull-ups that can
be enabled or disabled individually for each pin. The internal
pull-ups are enabled by default. Disabling an internal pull-up
causes a pin to become open drain. Weak internal pull-ups are
configured through the PINMAPx SFRs.
Figure 115.
38kHz MODULATION
SIGNAL
OUTPUT AT
MOD38 PIN
LEVEL WRITTEN
TO MOD38
Figure 114 shows a typical bit latch and I/O buffer for an I/O
pin. The bit latch (one bit in each port’s SFR) is represented as a
Type D flip-flop, which clocks in a value from the internal bus
in response to a write-to-latch signal from the CPU. The
Q output of the flip-flop is placed on the internal bus in response
to a read latch signal from the CPU. The level of the port pin
itself is placed on the internal bus in response to a read pin
signal from the CPU. Some instructions that read a port activate
the read latch signal, and others activate the read pin signal. See
the
Figure 115. 38 kHz Modulation
Uses for this 38 kHz modulation include IR modulation of
a UART transmit signal or a low power signal to drive an
LED. The modulation can be enabled or disabled with the
MOD38EN bit in the CFG SFR. The 38 kHz modulation is
available on eight pins, selected by the MOD38[7:0] bits in the
Extended Port Configuration SFR (EPCFG, 0x9F).
Read-Modify-Write Instructions section for details.
READ
LATCH
INTERNAL
BUS
WRITE
TO LATCH
READ
PIN
D
CL
Q
LATCH
DVDD
Px.x
PIN
INTERNAL
PULL-UP
ALTERNATE
OUTPUT
FUNCTION
ALTERNATE
INPUT
FUNCTION
Q
CLOSED: PINMAPx.x = 0
OPEN: PINMAPx.x = 1
Figure 114. Port 0 Bit Latch and I/O Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com