Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L433RCU7 Datasheet(PDF) 92 Page - STMicroelectronics

Part # STM32L433RCU7
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433RCU7 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STM32L433RCU7 Datasheet HTML 88Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 89Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 90Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 91Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 92Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 93Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 94Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 95Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 227 page
background image
Electrical characteristics
STM32L433xx
92/19
DS11449 Rev 7
6.1.7
Current consumption measurement
Figure 19. Current consumption measurement scheme with and without external
SMPS power supply
The IDD_ALL parameters given in Table 26 to Table 48 represent the total MCU consumption
including the current supplying VDD, VDDA, VDDUSB and VBAT.
6.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 19: Voltage characteristics,
Table 20: Current characteristics and Table 21: Thermal characteristics may cause
permanent damage to the device. These are stress ratings only and functional operation of
the device at these conditions is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability. Device mission profile (application conditions)
is compliant with JEDEC JESD47 qualification standard, extended mission profiles are
available on demand.
MSv45729V1
IDD_USB
VDDUSB
IDD_VBAT
VBAT
IDD
VDD
IDDA
VDDA
IDD_USB
VDDUSB
IDD_VBAT
VBAT
IDD
VDD
IDDA
VDDA
VDD12
SMPS
Table 19. Voltage characteristics(1)
Symbol
Ratings
Min
Max
Unit
VDDX - VSS
External main supply voltage (including
VDD, VDDA, VDDUSB, VLCD, VBAT, VREF+)
-0.3
4.0
V
VDD12 - VSS
External SMPS supply voltage
-0.3
1.32
V
VIN(2)
Input voltage on FT_xxx pins
VSS-0.3
min (VDD, VDDA, VDDUSB, VLCD)
+ 4.0(3)(4)
V
Input voltage on TT_xx pins
VSS-0.3
4.0
Input voltage on any other pins
VSS-0.3
4.0
|∆VDDx|
Variations between different VDDX power
pins of the same domain
-50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com