Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L433RCU7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32L433RCU7
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433RCU7 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32L433RCU7 Datasheet HTML 1Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 2Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 3Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 4Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 5Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 6Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 7Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 8Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 227 page
background image
This is information on a product in full production.
March 2024
DS11449 Rev 7
1/227
STM32L433xx
Ultra-low-power Arm® Cortex®-M4 32-bit MCU+FPU, 100DMIPS,
up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
Datasheet
- production data
Features
Includes ST state-of-the-art patented
technology
• Ultra-low-power with FlexPowerControl
– 1.71 V to 3.6 V power supply
– -40 °C to 85/105/125 °C temperature range
– 200 nA in VBAT mode: supply for RTC and
32x32-bit backup registers
– 8 nA Shutdown mode (5 wakeup pins)
– 28 nA Standby mode (5 wakeup pins)
– 280 nA Standby mode with RTC
– 1.0 µA Stop 2 mode, 1.28 µA with RTC
– 84 µA/MHz run mode (LDO Mode)
–36 μA/MHz run mode (@3.3 V SMPS
Mode)
– Batch acquisition mode (BAM)
– 4 µs wakeup from Stop mode
– Brown out reset (BOR)
– Interconnect matrix
• Core: Arm® 32-bit Cortex®-M4 CPU with FPU,
Adaptive real-time accelerator (ART
Accelerator™) allowing 0-wait-state execution
from flash memory, frequency up to 80 MHz,
MPU, 100DMIPS and DSP instructions
• Performance benchmark
– 1.25 DMIPS/MHz (Drystone 2.1)
– 273.55 CoreMark® (3.42 CoreMark/MHz @
80 MHz)
• Energy benchmark
– 347 ULPMark™ CP score
– 121 ULPMark™ PP score
• Clock Sources
– 4 to 48 MHz crystal oscillator
– 32 kHz crystal oscillator for RTC (LSE)
– Internal 16 MHz factory-trimmed RC (±1%)
– Internal low-power 32 kHz RC (±5%)
– Internal multispeed 100 kHz to 48 MHz
oscillator, auto-trimmed by LSE (better than
±0.25 % accuracy)
– Internal 48 MHz with clock recovery
– 2 PLLs for system clock, USB, audio, ADC
• Up to 83 fast I/Os, most 5 V-tolerant
• RTC with HW calendar, alarms and calibration
• LCD 8× 40 or 4× 44 with step-up converter
• Up to 21 capacitive sensing channels: support
touchkey, linear and rotary touch sensors
• 11x timers: 1x 16-bit advanced motor-control,
1x 32-bit and 2x 16-bit general purpose, 2x 16-
bit basic, 2x low-power 16-bit timers (available
in Stop mode), 2x watchdogs, SysTick timer
• Memories
– Up to 256 KB single bank flash, proprietary
code readout protection
– 64 KB of SRAM including 16 KB with
hardware parity check
– Quad SPI memory interface
• Rich analog peripherals (independent supply)
– 1x 12-bit ADC 5 Msps, up to 16-bit with
hardware oversampling, 200 µA/Msps
– 2x 12-bit DAC output channels, low-power
sample and hold
– 1x operational amplifier with built-in PGA
– 2x ultra-low-power comparators
• 17x communication interfaces
– USB 2.0 full-speed crystal less solution
with LPM and BCD
– 1x SAI (serial audio interface)
UFBGA64
LQFP48
UFQFPN48
(7 x 7 mm)
LQFP64
(10 x 10 mm)
LQFP100
(14 x 14 mm)
(7 x 7 mm)
(5 x 5 mm)
UFBGA100
(7 x 7 mm)
THIN WLCSP49
(3.14 x 3.15 x 0.20 mm)
STANDARD WLCSP49
(3.141 x 3.127 x 0.38 mm)
STANDARD WLCSP64
(3.141 x3.127 x 0.38 mm)
www.st.com


Similar Part No. - STM32L433RCU7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L433RC STMICROELECTRONICS-STM32L433RC Datasheet
2Mb / 225P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB Flash, 64KB SRAM, USB FS, LCD, ext. SMPS
18-May-2018
STM32L433RCT6P STMICROELECTRONICS-STM32L433RCT6P Datasheet
406Kb / 6P
STM32 Nucleo-64 boards
December 2017 Rev 10
STM32L433RCT6P STMICROELECTRONICS-STM32L433RCT6P Datasheet
437Kb / 9P
STM32 Nucleo-64 boards
20-Feb-2023
STM32L433RCT6PU STMICROELECTRONICS-STM32L433RCT6PU Datasheet
1Mb / 7P
STM32 Nucleo-64 boards
25-Oct-2020
More results

Similar Description - STM32L433RCU7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F372VBT6 STMICROELECTRONICS-STM32F372VBT6 Datasheet
1Mb / 131P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM
19-Sep-2013
STM32L475XX STMICROELECTRONICS-STM32L475XX Datasheet
2Mb / 193P
Ultra-low-power ARM Cortex-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, analog, audio
03-Mar-2016
STM32L476XX STMICROELECTRONICS-STM32L476XX Datasheet
2Mb / 232P
Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, LCD, analog, audio
03-Dec-2015
STM32L4A6XG STMICROELECTRONICS-STM32L4A6XG Datasheet
3Mb / 282P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 1MB Flash, 320KB SRAM, USB OTG FS, audio, AESHASH, ext. SMPS
24-Sep-2018
STM32L433XX STMICROELECTRONICS-STM32L433XX Datasheet
2Mb / 225P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB Flash, 64KB SRAM, USB FS, LCD, ext. SMPS
18-May-2018
STM32L412C8 STMICROELECTRONICS-STM32L412C8 Datasheet
2Mb / 192P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 128KB Flash, 40KB SRAM, analog, ext. SMPS
November 2020 Rev 8
STM32U575XX STMICROELECTRONICS-STM32U575XX Datasheet
6Mb / 329P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
02-Jun-2022
STM32L151X6-A STMICROELECTRONICS-STM32L151X6-A Datasheet
1Mb / 129P
Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
25-Apr-2016
STM32U585XX STMICROELECTRONICS-STM32U585XX Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM, crypto
27-Mar-2023
STM32L151X6 STMICROELECTRONICS-STM32L151X6_V01 Datasheet
1Mb / 130P
Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
25-Aug-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com