Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L433RCU7 Datasheet(PDF) 97 Page - STMicroelectronics

Part # STM32L433RCU7
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433RCU7 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STM32L433RCU7 Datasheet HTML 93Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 94Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 95Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 96Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 97Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 98Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 99Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 100Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 227 page
background image
DS11449 Rev 7
97/19
STM32L433xx
Electrical characteristics
194
6.3.2
Operating conditions at power-up / power-down
The parameters given in Table 23 are derived from tests performed under the ambient
temperature condition summarized in Table 22.
The requirements for power-up/down sequence specified in Section 3.9.1: Power supply
schemes must be respected.
6.3.3
Embedded reset and power control block characteristics
The parameters given in Table 24 are derived from tests performed under the ambient
temperature conditions summarized in Table 22: General operating conditions.
Table 23. Operating conditions at power-up / power-down
Symbol
Parameter
Conditions
Min
Max
Unit
tVDD
VDD rise time rate
-
0
∞
µs/V
VDD fall time rate
10
∞
tVDDA
VDDA rise time rate
-
0
∞
VDDA fall time rate
10
∞
tVDDUSB
VDDUSB rise time rate
-
0
∞
VDDUSB fall time rate
10
∞
Table 24. Embedded reset and power control block characteristics
Symbol
Parameter
Conditions(1)
Min
Typ
Max
Unit
tRSTTEMPO(2)
Reset temporization after
BOR0 is detected
VDD rising
-
250
400
μs
VBOR0(2)
Brown-out reset threshold 0
Rising edge
1.62
1.66
1.7
V
Falling edge
1.6
1.64
1.69
VBOR1
Brown-out reset threshold 1
Rising edge
2.06
2.1
2.14
V
Falling edge
1.96
2
2.04
VBOR2
Brown-out reset threshold 2
Rising edge
2.26
2.31
2.35
V
Falling edge
2.16
2.20
2.24
VBOR3
Brown-out reset threshold 3
Rising edge
2.56
2.61
2.66
V
Falling edge
2.47
2.52
2.57
VBOR4
Brown-out reset threshold 4
Rising edge
2.85
2.90
2.95
V
Falling edge
2.76
2.81
2.86
VPVD0
Programmable voltage
detector threshold 0
Rising edge
2.1
2.15
2.19
V
Falling edge
2
2.05
2.1
VPVD1
PVD threshold 1
Rising edge
2.26
2.31
2.36
V
Falling edge
2.15
2.20
2.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com