Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L433RCU7 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32L433RCU7
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433RCU7 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32L433RCU7 Datasheet HTML 9Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 10Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 11Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 12Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 13Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 14Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 15Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 16Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 227 page
background image
DS11449 Rev 7
13/227
STM32L433xx
Description
55
2
Description
The STM32L433xx devices are ultra-low-power microcontrollers based on the
high-performance Arm® Cortex®-M4 32-bit RISC core operating at a frequency of up to
80 MHz. The Cortex-M4 core features a Floating point unit (FPU) single precision that
supports all Arm® single-precision data-processing instructions and data types. It also
implements a full set of DSP instructions and a memory protection unit (MPU) which
enhances application security.
The STM32L433xx devices embed high-speed memories (flash memory up to 256 Kbyte,
64 Kbyte of SRAM), a Quad SPI flash memories interface (available on all packages) and
an extensive range of enhanced I/Os and peripherals connected to two APB buses, two
AHB buses and a 32-bit multi-AHB bus matrix.
The STM32L433xx devices embed several protection mechanisms for embedded flash
memory and SRAM: readout protection, write protection, proprietary code readout
protection and Firewall.
The devices offer a fast 12-bit ADC (5 Msps), two comparators, one operational amplifier,
two DAC channels, an internal voltage reference buffer, a low-power RTC, one general-
purpose 32-bit timer, one 16-bit PWM timer dedicated to motor control, four general-purpose
16-bit timers, and two 16-bit low-power timers.
In addition, up to 21 capacitive sensing channels are available. The devices also embed an
integrated LCD driver 8x40 or 4x44, with internal step-up converter.
They also feature standard and advanced communication interfaces, namely three I2Cs,
three SPIs, three USARTs and one Low-Power UART, one SAI, one SDMMC, one CAN,
one USB full-speed device crystal less, one SWPMI (single wire protocol master interface).
The STM32L433xx operates in the -40 to +85 °C (+105 °C junction), -40 to +105 °C
(+125 °C junction) and -40 to +125 °C (+130 °C junction) temperature ranges from a 1.71 to
3.6 V VDD power supply when using internal LDO regulator and a 1.05 to 1.32V VDD12
power supply when using external SMPS supply. A comprehensive set of power-saving
modes makes possible the design of low-power applications.
Some independent power supplies are supported: analog independent supply input for
ADC, DAC, OPAMP and comparators, and 3.3 V dedicated supply input for USB. A VBAT
input makes it possible to backup the RTC and backup registers. Dedicated VDD12 power
supplies can be used to bypass the internal LDO regulator when connected to an external
SMPS.
The STM32L433xx family offers eight packages from 48 to 100-pin packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com