Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L433RCU7 Datasheet(PDF) 114 Page - STMicroelectronics

Part # STM32L433RCU7
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433RCU7 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM32L433RCU7 Datasheet HTML 110Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 111Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 112Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 113Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 114Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 115Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 116Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 117Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 227 page
background image
Table 42. Current consumption in Sleep, flash ON and power supplied by external SMPS
(VDD12 = 1.10 V)
Symbol
Parameter
Conditions(1)
TYP
Unit
-fHCLK
25 °C
55 °C
85 °C
105 °C 125 °C
IDD_ALL(Sleep)
Supply current in sleep mode,
fHCLK = fHSE up to 48 MHz included, bypass
mode
pll ON above
48 MHz all peripherals disable
80 MHz
0.80
0.81
0.83
0.86
0.91
mA
72 MHz
0.73
0.73
0.75
0.78
0.84
64 MHz
0.65
0.66
0.68
0.71
0.77
48 MHz
0.48
0.49
0.51
0.54
0.60
32 MHz
0.33
0.34
0.36
0.39
0.45
24 MHz
0.26
0.27
0.29
0.32
0.37
16 MHz
0.19
0.20
0.22
0.24
0.30
8 MHz
0.13
0.13
0.15
0.18
0.24
4 MHz
0.09
0.09
0.11
0.14
0.20
2 MHz
0.07
0.07
0.09
0.12
0.18
1 MHz
0.06
0.06
0.08
0.11
0.17
100 kHz
0.05
0.06
0.07
0.10
0.16
1. All values are obtained by calculation based on measurements done without SMPS and using following parameters: SMPS input = 3.3 V, SMPS efficiency = 85%,
VDD12 = 1.10 V
Table 43. Current consumption in Low-power sleep modes, flash in power-down
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
Voltage
scaling
fHCLK
25 °C 55 °C 85 °C
105 °C 125 °C 25 °C
55 °C
85 °C 105 °C 125 °C
IDD_ALL
(LPSleep)
Supply current
in low-power
sleep mode
fHCLK = fMSI
all peripherals disable
2 MHz
58.7
70.7
103.2
153.7
248.5
80
113
180
330
641
µA
1 MHz
39.4
47.2
79.3
129.6
224.8
53
86
154
304
616
400 kHz
20.8
30.8
62.1
112.5
207.8
35
67
137
286
597
100 kHz
14.3
23.1
55.1
105.7
201.5
27
58
130
279
590
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com