Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L433RCU7 Datasheet(PDF) 123 Page - STMicroelectronics

Part # STM32L433RCU7
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433RCU7 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button STM32L433RCU7 Datasheet HTML 119Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 120Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 121Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 122Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 123Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 124Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 125Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 126Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 227 page
background image
Table 49. Current consumption in VBAT mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VBAT
25 °C 55 °C 85 °C
105 °C 125 °C 25 °C
55 °C
85 °C 105 °C 125 °C
IDD_VBAT
(VBAT)
Backup domain
supply current
RTC disabled
1.8 V
2
12
66
193
540
5
30
165
482
1350
nA
2.4 V
1
12
73
217
600
6
30
182
542
1500
3 V
5
16
92
266
731
12.5
40
230
665
1928
3.6 V
6
30
161
459
1 269
15
75
402
1147
3173
RTC enabled and
clocked by LSE
bypassed at 32768 Hz
1.8 V
154
175
247
430
-
-
-
-
-
-
2.4 V
228
246
335
542
-
-
-
-
-
-
3 V
316
340
459
714
-
-
-
-
-
-
3.6 V
419
462
684
1 140
-
-
-
-
-
-
RTC enabled and
clocked by LSE
quartz(2)
1.8 V
256
297
385
558
823
-
-
-
-
-
2.4 V
345
381
477
673
906
-
-
-
-
-
3 V
455
495
603
836
1 085
-
-
-
-
-
3.6 V
591
642
824
1 207
1 733
-
-
-
-
-
1. Guaranteed by characterization results, unless otherwise specified.
2. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com