Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L433RCU7 Datasheet(PDF) 135 Page - STMicroelectronics

Part # STM32L433RCU7
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433RCU7 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STM32L433RCU7 Datasheet HTML 131Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 132Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 133Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 134Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 135Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 136Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 137Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 138Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 227 page
background image
DS11449 Rev 7
135/19
STM32L433xx
Electrical characteristics
194
6.3.8
Internal clock source characteristics
The parameters given in Table 58 are derived from tests performed under ambient
temperature and supply voltage conditions summarized in Table 22: General operating
conditions. The provided curves are characterization results, not tested in production.
High-speed internal (HSI16) RC oscillator
Table 58. HSI16 oscillator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI16
HSI16 Frequency
VDD=3.0 V, TA=30 °C
15.88
-
16.08
MHz
TRIM
HSI16 user trimming step
Trimming code is not a
multiple of 64
0.2
0.3
0.4
%
Trimming code is a
multiple of 64
-4
-6
-8
DuCy(HSI16)(2) Duty Cycle
-
45
-
55
%
∆Temp(HSI16)
HSI16 oscillator frequency
drift over temperature
TA= 0 to 85 °C
-1
-
1
%
TA= -40 to 125 °C
-2
-
1.5
%
∆VDD(HSI16)
HSI16 oscillator frequency
drift over VDD
VDD=1.62 V to 3.6 V
-0.1
-
0.05
%
tsu(HSI16)(2)
HSI16 oscillator start-up
time
--
0.8
1.2
μs
tstab(HSI16)(2)
HSI16 oscillator
stabilization time
--
3
5
μs
IDD(HSI16)(2)
HSI16 oscillator power
consumption
-
-
155
190
μA
1. Guaranteed by characterization results.
2. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com