Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L433RCU7 Datasheet(PDF) 154 Page - STMicroelectronics

Part # STM32L433RCU7
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433RCU7 Datasheet(HTML) 154 Page - STMicroelectronics

Back Button STM32L433RCU7 Datasheet HTML 150Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 151Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 152Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 153Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 154Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 155Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 156Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 157Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 227 page
background image
Electrical characteristics
STM32L433xx
154/19
DS11449 Rev 7
6.3.18
Analog-to-Digital converter characteristics
Unless otherwise specified, the parameters given in Table 76 are preliminary values derived
from tests performed under ambient temperature, fPCLK frequency and VDDA supply voltage
conditions summarized in Table 22: General operating conditions.
Note:
It is recommended to perform a calibration after each power-up.
Table 76. ADC characteristics(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage
-
1.62
-
3.6
V
VREF+
Positive reference voltage
VDDA ≥ 2 V
2
-
VDDA
V
VDDA < 2 V
VDDA
V
VREF-
Negative reference
voltage
-VSSA
V
fADC
ADC clock frequency
Range 1
0.14
-
80
MHz
Range 2
0.14
-
26
fs
Sampling rate for FAST
channels
Resolution = 12 bits
-
-
5.33
Msps
Resolution = 10 bits
-
-
6.15
Resolution = 8 bits
-
-
7.27
Resolution = 6 bits
-
-
8.88
Sampling rate for SLOW
channels
Resolution = 12 bits
-
-
4.21
Resolution = 10 bits
-
-
4.71
Resolution = 8 bits
-
-
5.33
Resolution = 6 bits
-
-
6.15
fTRIG
External trigger frequency
fADC = 80 MHz
Resolution = 12 bits
-
-
5.33
MHz
Resolution = 12 bits
-
-
15
1/fADC
VCMIN
Input common mode
Differential mode
(VREF++
VREF-)/2
- 0.18
(VREF++
VREF-)/2
(VREF++
VREF-)/2
+ 0.18
V
VAIN (3)
Conversion voltage
range(2)
-0
-
VREF+
V
RAIN
External input impedance
-
-
-
50
kΩ
CADC
Internal sample and hold
capacitor
--
5
-
pF
tSTAB
Power-up time
-
1
conversion
cycle
tCAL
Calibration time
fADC = 80 MHz
1.45
µs
-116
1/fADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com