Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L433RCU7 Datasheet(PDF) 162 Page - STMicroelectronics

Part # STM32L433RCU7
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433RCU7 Datasheet(HTML) 162 Page - STMicroelectronics

Back Button STM32L433RCU7 Datasheet HTML 158Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 159Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 160Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 161Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 162Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 163Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 164Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 165Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 227 page
background image
Electrical characteristics
STM32L433xx
162/19
DS11449 Rev 7
Table 80. ADC accuracy - limited test conditions 3(1)(2)(3)(4)
Sym-
bol
Parameter
Conditions(5)
Min Typ Max Unit
ET
Total
unadjusted
error
ADC clock frequency ≤
80 MHz,
Sampling rate ≤ 5.33 Msps,
1.65 V ≤ VDDA = VREF+ ≤
3.6 V,
Voltage scaling Range 1
Single
ended
Fast channel (max speed)
-
5.5
7.5
LSB
Slow channel (max speed)
-
4.5
6.5
Differential
Fast channel (max speed)
-
4.5
7.5
Slow channel (max speed)
-
4.5
5.5
EO
Offset
error
Single
ended
Fast channel (max speed)
-
2
5
Slow channel (max speed)
-
2.5
5
Differential
Fast channel (max speed)
-
2
3.5
Slow channel (max speed)
-
2.5
3
EG
Gain error
Single
ended
Fast channel (max speed)
-
4.5
7
Slow channel (max speed)
-
3.5
6
Differential
Fast channel (max speed)
-
3.5
4
Slow channel (max speed)
-
3.5
5
ED
Differential
linearity
error
Single
ended
Fast channel (max speed)
-
1.2
1.5
Slow channel (max speed)
-
1.2
1.5
Differential
Fast channel (max speed)
-
1
1.2
Slow channel (max speed)
-
1
1.2
EL
Integral
linearity
error
Single
ended
Fast channel (max speed)
-
3
3.5
Slow channel (max speed)
-
2.5
3.5
Differential
Fast channel (max speed)
-
2
2.5
Slow channel (max speed)
-
2
2.5
ENOB
Effective
number of
bits
Single
ended
Fast channel (max speed)
10 10.4
-
bits
Slow channel (max speed)
10 10.4
-
Differential
Fast channel (max speed) 10.6 10.7
-
Slow channel (max speed) 10.6 10.7
-
SINAD
Signal-to-
noise and
distortion
ratio
Single
ended
Fast channel (max speed)
62
64
-
dB
Slow channel (max speed)
62
64
-
Differential
Fast channel (max speed)
65
66
-
Slow channel (max speed)
65
66
-
SNR
Signal-to-
noise ratio
Single
ended
Fast channel (max speed)
63
65
-
Slow channel (max speed)
63
65
-
Differential
Fast channel (max speed)
66
67
-
Slow channel (max speed)
66
67
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com