Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L433RCU7 Datasheet(PDF) 177 Page - STMicroelectronics

Part # STM32L433RCU7
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433RCU7 Datasheet(HTML) 177 Page - STMicroelectronics

Back Button STM32L433RCU7 Datasheet HTML 173Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 174Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 175Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 176Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 177Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 178Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 179Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 180Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 227 page
background image
DS11449 Rev 7
177/19
STM32L433xx
Electrical characteristics
194
GM
Gain margin
Normal mode
-
13
-
dB
Low-power mode
-
20
-
tWAKEUP
Wake up time
from OFF state.
Normal mode
CLOAD ≤ 50 pf,
RLOAD ≥ 4 kΩ
follower
configuration
-5
10
µs
Low-power mode
CLOAD ≤ 50 pf,
RLOAD ≥ 20 kΩ
follower
configuration
-10
30
Ibias
OPAMP input
bias current
General purpose input
-
-
-(4)
nA
PGA gain(3)
Non inverting
gain value
-
-2-
-
-4-
-8-
-16
-
Rnetwork
R2/R1 internal
resistance
values in PGA
mode(5)
PGA Gain = 2
-
80/80
-
kΩ/kΩ
PGA Gain = 4
-
120/
40
-
PGA Gain = 8
-
140/
20
-
PGA Gain = 16
-
150/
10
-
Delta R
Resistance
variation (R1 or
R2)
--15
-
15
%
PGA gain error
PGA gain error
-
-1
-
1
%
PGA BW
PGA bandwidth
for different non
inverting gain
Gain = 2
-
-
GBW/
2
-
MHz
Gain = 4
-
-
GBW/
4
-
Gain = 8
-
-
GBW/
8
-
Gain = 16
-
-
GBW/
16
-
Table 86. OPAMP characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com