Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L433RCU7 Datasheet(PDF) 184 Page - STMicroelectronics

Part # STM32L433RCU7
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433RCU7 Datasheet(HTML) 184 Page - STMicroelectronics

Back Button STM32L433RCU7 Datasheet HTML 180Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 181Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 182Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 183Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 184Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 185Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 186Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 187Page - STMicroelectronics STM32L433RCU7 Datasheet HTML 188Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 227 page
background image
Electrical characteristics
STM32L433xx
184/19
DS11449 Rev 7
Figure 34. SPI timing diagram - slave mode and CPHA = 0
tv(SO)
Data output valid time
Slave mode 2.7 < VDD < 3.6 V
Voltage Range 1
-
12.5
13.5
ns
Slave mode 1.71 < VDD < 3.6 V
Voltage Range 1
-12.5
24
Slave mode 1.71 < VDD < 3.6 V
Voltage Range 2
-12.5
33
tv(MO)
Master mode
-
4.5
6
th(SO)
Data output hold time
Slave mode
7
-
-
ns
th(MO)
Master mode
0
-
-
1. Guaranteed by characterization results.
2. Maximum frequency in Slave transmitter mode is determined by the sum of tv(SO) and tsu(MI) which has to fit into SCK low or
high phase preceding the SCK sampling edge. This value can be achieved when the SPI communicates with a master
having tsu(MI) = 0 while Duty(SCK) = 50 %.
Table 95. SPI characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
MSv41658V1
NSS input
CPHA=0
CPOL=0
CPHA=0
CPOL=1
MISO output
MOSI input
tsu(SI)
th(SI)
tw(SCKL)
tw(SCKH)
tc(SCK)
tr(SCK)
th(NSS)
tdis(SO)
tsu(NSS)
ta(SO)
tv(SO)
Next bits IN
Last bit OUT
First bit IN
First bit OUT
Next bits OUT
th(SO)
tf(SCK)
Last bit IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com