Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L433VCU7 Datasheet(PDF) 174 Page - STMicroelectronics

Part # STM32L433VCU7
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433VCU7 Datasheet(HTML) 174 Page - STMicroelectronics

Back Button STM32L433VCU7 Datasheet HTML 170Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 171Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 172Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 173Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 174Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 175Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 176Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 177Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 227 page
background image
Electrical characteristics
STM32L433xx
174/19
DS11449 Rev 7
6.3.21
Comparator characteristics
Table 85. COMP characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage
-
1.62
-
3.6
V
VIN
Comparator input voltage
range
-0
-
VDDA
VBG(2)
Scaler input voltage
-
VREFINT
VSC
Scaler offset voltage
-
-
±5
±10
mV
IDDA(SCALER)
Scaler static consumption
from VDDA
BRG_EN=0 (bridge disable)
-
200
300
nA
BRG_EN=1 (bridge enable)
-
0.8
1
µA
tSTART_SCALER Scaler startup time
-
-
100
200
µs
tSTART
Comparator startup time to
reach propagation delay
specification
High-speed
mode
VDDA ≥ 2.7 V
-
-
5
µs
VDDA < 2.7 V
-
-
7
Medium mode
VDDA ≥ 2.7 V
-
-
15
VDDA < 2.7 V
-
-
25
Ultra-low-power mode
-
-
40
tD(3)
Propagation delay with
100 mV overdrive
High-speed
mode
VDDA ≥ 2.7 V
-
55
80
ns
VDDA < 2.7 V
-
65
100
Medium mode
-
0.55
0.9
µs
Ultra-low-power mode
-
4
7
Voffset
Comparator offset error
Full common
mode range
--
±5
±20
mV
Vhys
Comparator hysteresis
No hysteresis
-
0
-
mV
Low hysteresis
4
8
16
Medium hysteresis
8
15
30
High hysteresis
15
27
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com