Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L433VCU7 Datasheet(PDF) 176 Page - STMicroelectronics

Part # STM32L433VCU7
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433VCU7 Datasheet(HTML) 176 Page - STMicroelectronics

Back Button STM32L433VCU7 Datasheet HTML 172Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 173Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 174Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 175Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 176Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 177Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 178Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 179Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 227 page
background image
Electrical characteristics
STM32L433xx
176/19
DS11449 Rev 7
ILOAD
Drive current
Normal mode
VDDA ≥ 2 V
-
-
500
µA
Low-power mode
-
-
100
ILOAD_PGA
Drive current in
PGA mode
Normal mode
VDDA ≥ 2 V
-
-
450
Low-power mode
-
-
50
RLOAD
Resistive load
(connected to
VSSA or to
VDDA)
Normal mode
VDDA < 2 V
4-
-
kΩ
Low-power mode
20
-
-
RLOAD_PGA
Resistive load
in PGA mode
(connected to
VSSA or to
VDDA)
Normal mode
VDDA < 2 V
4.5
-
-
Low-power mode
40
-
-
CLOAD
Capacitive load
-
-
-
50
pF
CMRR
Common mode
rejection ratio
Normal mode
-
-85
-
dB
Low-power mode
-
-90
-
PSRR
Power supply
rejection ratio
Normal mode
CLOAD ≤ 50 pf,
RLOAD ≥ 4 kΩ DC
70
85
-
dB
Low-power mode
CLOAD ≤ 50 pf,
RLOAD ≥ 20 kΩ DC
72
90
-
GBW
Gain Bandwidth
Product
Normal mode
VDDA ≥ 2.4 V
(OPA_RANGE = 1)
550
1600
2200
kHz
Low-power mode
100
420
600
Normal mode
VDDA < 2.4 V
(OPA_RANGE = 0)
250
700
950
Low-power mode
40
180
280
SR(3)
Slew rate
(from 10 and
90% of output
voltage)
Normal mode
VDDA ≥ 2.4 V
-700
-
V/ms
Low-power mode
-
180
-
Normal mode
VDDA < 2.4 V
-300
-
Low-power mode
-
80
-
AO
Open loop gain
Normal mode
55
110
-
dB
Low-power mode
45
110
-
VOHSAT(3)
High saturation
voltage
Normal mode
Iload = max or Rload =
min Input at VDDA.
VDDA -
100
--
mV
Low-power mode
VDDA -
50
--
VOLSAT(3)
Low saturation
voltage
Normal mode
Iload = max or Rload =
min Input at 0.
-
-
100
Low-power mode
-
-
50
φm
Phase margin
Normal mode
-
74
-
°
Low-power mode
-
66
-
Table 86. OPAMP characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com