Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5802PWPR Datasheet(PDF) 3 Page - Texas Instruments

Part # TAS5802PWPR
Description  TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5802PWPR Datasheet(HTML) 3 Page - Texas Instruments

  TAS5802PWPR Datasheet HTML 1Page - Texas Instruments TAS5802PWPR Datasheet HTML 2Page - Texas Instruments TAS5802PWPR Datasheet HTML 3Page - Texas Instruments TAS5802PWPR Datasheet HTML 4Page - Texas Instruments TAS5802PWPR Datasheet HTML 5Page - Texas Instruments TAS5802PWPR Datasheet HTML 6Page - Texas Instruments TAS5802PWPR Datasheet HTML 7Page - Texas Instruments TAS5802PWPR Datasheet HTML 8Page - Texas Instruments TAS5802PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 106 page
background image
Device Comparison Table
Part Number
Recommended PVDD
Range
RDS(ON) Option
Package
Class-H Algorithm Integrated
TAS5802
4.5V to 20V
120mΩ
TSSOP28(PWP)
No
TAS5815
4.5V to 26.4V
120mΩ
TSSOP28(PWP)
Yes
TAS5827
4.5V to 26.4V
70mΩ
QFN32(RHB)
Yes
TAS5825P
4.5V to 26.4V
90mΩ
QFN32(RHB)
Yes
TAS5828M
4.5V to 26.4V
90mΩ
TSSOP32(DAD)
Yes
TAS5822M
4.5V to 26.4V
90mΩ
HTSSOP38(DCP)
No
TAS5806M
4.5V to 26.4V
180mΩ
TSSOP38(DCP)
No
TAS5805M
4.5V to 26.4V
180mΩ
TSSOP28(PWP)
No
4 Pin Configuration and Functions
Figure 4-1. PWP (TSSOP) Package, 28-Pin PadDown, Top View
Table 4-1. Pin Functions For TSSOP28 Package
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
1
DGND
P
Digital ground
2
DVDD
P
3.3-V/1.8-V digital power supply
3
ADR/FAULT
DI/O
A table of resistor value (Pull up/Down to DVDD/GND) will decide device I2C address.
After power up, this pin can be programmed by writing 1 to a register bit after Power up
bit. In this mode, ADR/ FAULT is redefine as FAULT.
www.ti.com
TAS5802
SLASFB7A – NOVEMBER 2024 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TAS5802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com