Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5802PWPR Datasheet(PDF) 72 Page - Texas Instruments

Part # TAS5802PWPR
Description  TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5802PWPR Datasheet(HTML) 72 Page - Texas Instruments

Back Button TAS5802PWPR Datasheet HTML 68Page - Texas Instruments TAS5802PWPR Datasheet HTML 69Page - Texas Instruments TAS5802PWPR Datasheet HTML 70Page - Texas Instruments TAS5802PWPR Datasheet HTML 71Page - Texas Instruments TAS5802PWPR Datasheet HTML 72Page - Texas Instruments TAS5802PWPR Datasheet HTML 73Page - Texas Instruments TAS5802PWPR Datasheet HTML 74Page - Texas Instruments TAS5802PWPR Datasheet HTML 75Page - Texas Instruments TAS5802PWPR Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 106 page
background image
7.1.32 RAMP_SS_CTRL1 Register (Offset = 6Ch) [Reset = 00h]
RAMP_SS_CTRL1 is shown in Figure 7-32 and described in Table 7-34.
Return to the Summary Table.
Spread spectrum control 1
Figure 7-32. RAMP_SS_CTRL1 Register
7
6
5
4
3
2
1
0
RESERVED
RDM_CTL
TRI_CTL
R/W-0h
R/W-0h
R/W-0h
Table 7-34. RAMP_SS_CTRL1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R/W
0h
6-4
RDM_CTL
R/W
0h
Random SS range control
For Fsw of 384kHz
3'b000: SS range +/- 0.62%
3'b010: SS range +/- 1.88%
3'b011: SS range +/- 4.38%
3'b100: SS range +/- 9.38%
3'b101: SS range +/- 19.38%
Others: reserved
For Fsw of 768kHz
3'b000: SS range - 1.25%
3'b001: SS range +/- 1.25%
3'b010: SS range +/- 3.75%
3'b011: SS range +/- 8.75%
3'b100: SS range +/- 18.75%
3'b101: SS range +/- 38.75%
Others: reserved
3-0
TRI_CTL
R/W
0h
Triangle SS frequency and range control
4'b0000: 24kHz SS +/- 5%
4'b0001: 24kHz SS +/- 10%
4'b0010: 24kHz SS +/- 20%
4'b0011: 24kHz SS +/- 25%
4'b0100: 48kHz SS +/- 5%
4'b0101: 48kHz SS +/- 10%
4'b0110: 48kHz SS +/- 20%
4'b0111: 48kHz SS +/- 25%
4'b1000: 32kHz SS +/- 5%
4'b1001: 32kHz SS +/- 10%
4'b1010: 32kHz SS +/- 20%
4'b1011: 32kHz SS +/- 25%
4'b1100: 16kHz SS +/- 5%
4'b1101: 16kHz SS +/- 10%
4'b1110: 16kHz SS +/- 20%
4'b1111: 16kHz SS +/- 25%
TAS5802
SLASFB7A – NOVEMBER 2024 – REVISED AUGUST 2025
www.ti.com
72
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TAS5802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com