Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5802PWPR Datasheet(PDF) 33 Page - Texas Instruments

Part # TAS5802PWPR
Description  TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5802PWPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button TAS5802PWPR Datasheet HTML 29Page - Texas Instruments TAS5802PWPR Datasheet HTML 30Page - Texas Instruments TAS5802PWPR Datasheet HTML 31Page - Texas Instruments TAS5802PWPR Datasheet HTML 32Page - Texas Instruments TAS5802PWPR Datasheet HTML 33Page - Texas Instruments TAS5802PWPR Datasheet HTML 34Page - Texas Instruments TAS5802PWPR Datasheet HTML 35Page - Texas Instruments TAS5802PWPR Datasheet HTML 36Page - Texas Instruments TAS5802PWPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 106 page
background image
6.5.2.2 Sequential Write
A sequential data-write transfer is identical to a single-byte data-write transfer except that multiple data bytes
are transmitted by the master to the device as shown in Figure 6-13. After receiving each data byte, the device
responds with an acknowledge bit and the I2C subaddress is automatically incremented by one.
Figure 6-13. Sequential Write Transfer
6.5.2.3 Random Read
As shown in Figure 6-14, a single-byte data-read transfer begins with the master device transmitting a start
condition followed by the I2C device address and the read/write bit. For the data-read transfer, both a write
followed by a read are actually done. Initially, a write is done to transfer the address byte of the internal memory
address to be read. As a result, the read/write bit is a 0. After receiving the address and the read/write bit,
the device responds with an acknowledge bit. In addition, after sending the internal memory address byte, the
master device transmits another start condition followed by the address and the read/write bit again. This time
the read/write bit is a 1, indicating a read transfer. After receiving the address and the read/write bit, the device
again responds with an acknowledge bit. Next, the device transmits the data byte from the memory address
being read. After receiving the data byte, the master device transmits a not-acknowledge followed by a stop
condition to complete the single-byte data-read transfer.
Figure 6-14. Random Read Transfer
6.5.2.4 Sequential Read
A sequential data-read transfer is identical to a single-byte data-read transfer except that multiple data bytes are
transmitted by the device to the master device as shown in Figure 6-15. Except for the last data byte, the master
device responds with an acknowledge bit after receiving each data byte and automatically increments the I2C
subaddress by one. After receiving the last data byte, the master device transmits a not-acknowledge followed
by a stop condition to complete the transfer.
Figure 6-15. Sequential Read Transfer
www.ti.com
TAS5802
SLASFB7A – NOVEMBER 2024 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TAS5802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com