Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5802PWPR Datasheet(PDF) 6 Page - Texas Instruments

Part # TAS5802PWPR
Description  TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5802PWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5802PWPR Datasheet HTML 2Page - Texas Instruments TAS5802PWPR Datasheet HTML 3Page - Texas Instruments TAS5802PWPR Datasheet HTML 4Page - Texas Instruments TAS5802PWPR Datasheet HTML 5Page - Texas Instruments TAS5802PWPR Datasheet HTML 6Page - Texas Instruments TAS5802PWPR Datasheet HTML 7Page - Texas Instruments TAS5802PWPR Datasheet HTML 8Page - Texas Instruments TAS5802PWPR Datasheet HTML 9Page - Texas Instruments TAS5802PWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 106 page
background image
5.5 Electrical Characteristics
Free-air room temperature 25°C, 1SPW Mode, LC filter=4.7uH+0.68uF, Fsw=768kHz, Class D Bandwidth=175kHz, (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital I/O
V(DVDD_DigON)
Input DVDD voltage to
start I/O logic and digital
core block (1)
VPDN > 0.7 x DVDD, PVDD > 4.5V
1.1
1.5
V
|IIH|
Input logic high current level
for DVDD referenced digital
input pins
VIN(DigIn) = VDVDD
10
uA
|IIL|
Input logic low current level
for DVDD referenced digital
input pins
VIN(DigIn) = 0 V
–10
uA
VIH(Digin)
Input logic high threshold for
DVDD referenced digital
inputs
70%
VDVDD
VIL(Digin)
Input logic low threshold for
DVDD referenced digital
inputs
30%
VDVDD
VOH(Digin)
Output logic high voltage
level
IOH = 4 mA
80%
VDVDD
VOL(Digin)
Output logic low voltage level
IOH = –4 mA
20%
VDVDD
I2C CONTROL PORT
CL(I2C)
Allowable load capacitance
for each I2C Line
400
pF
fSCL(fast)
Support SCL frequency
No wait states, fast mode
400
kHz
fSCL(slow)
Support SCL frequency
No wait states, slow mode
100
kHz
SERIAL AUDIO PORT
tDLY
Required LRCLK/FS to SCLK
rising edge delay
5
ns
DSCLK
Allowable SCLK duty cycle
40%
60%
fS
Supported input sample rates
32
96
kHz
fSCLK
Supported SCLK frequencies
32
64
fS
fSCLK
SCLK frequency
24.576
MHz
AMPLIFIER OPERATING MODE AND DC PRAMETERS
toff
Turn-off Time
Excluding volume ramp
10
ms
AV(SPK_AMP)
Programmable Gain
Value represents the "peak voltage" disregarding
clipping due to lower PVDD
Measured at 0 dB input(1FS)
29.4
dBV
ΔAV(SPK_AMP)
Amplifier gain error
Gain = 26.4dBV
0.5
dB
RDS(on)
Drain-to-source on resistance
of the individual output
MOSFETs
FET + Metallization. VPVDD=24V, I(OUT)=500mA,
TJ=25℃
120
mΩ
PROTECTION
OCETHRES
Over-Current Error Threshold
OUTxx Overcurrent Error Threshold
5
A
UVETHRES(PVDD)
PVDD under voltage error
threshold condition 2
3.7
4
4.2
V
DCETHRES
Output DC Error protection
threshold
Class D Amplifier's output DC voltage cross
speaker load to trigger Output DC Fault protection
1.9
V
TDCDET
Output DC Detect time
Class D Amplifier's output remain at or above
DCETHRES
570
ms
OTETHRES
Over temperature error
threshold
160
℃
OTEHystersis
Over temperature error
hysteresis
10
℃
OTWTHRES
Over temperature warning
level
Read by register 0x73 bit3
135
°C
AUDIO PERFORMACNE (STEREO BTL)
TAS5802
SLASFB7A – NOVEMBER 2024 – REVISED AUGUST 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TAS5802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com