Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6238S Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6238S
Description  12V SENSORLESS SPINDLE MOTOR CONTROLLER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6238S Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6238S Datasheet HTML 3Page - STMicroelectronics L6238S Datasheet HTML 4Page - STMicroelectronics L6238S Datasheet HTML 5Page - STMicroelectronics L6238S Datasheet HTML 6Page - STMicroelectronics L6238S Datasheet HTML 7Page - STMicroelectronics L6238S Datasheet HTML 8Page - STMicroelectronics L6238S Datasheet HTML 9Page - STMicroelectronics L6238S Datasheet HTML 10Page - STMicroelectronics L6238S Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
ELECTRICAL CHARACTERISTICS (Continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
BRAKE DELAY
Vchrg
Capacitor Charge Voltage
RT = 50K
8.8
9.6
10.5
V
Iin
Input Current
Vin = 5.0V
500
nA
Iout3
Source Current
VA = 10.5V
0.5
mA
VThres
Delay Timer Low Trip Threshold
1.2
1.8
2.8
V
CHARGE PUMP
Vout
Storage Capacitor Output
Voltage
VA = 10.5V; Iout = 500
µA17
V
Fcp
Charge Pump Frequency
140
450
KHz
Iin
Vstorage Input Current (Run
Mode)
Vstorage = 12V; VA =Vlogic =0
25
µA
Ibrkdly
Vstorage Leakage Current
(Brake Delay Mode)
Vstorage = 12V; VA =Vlogic = 0
0.4
1
µA
Ibrake
Vstorage Leakage Current
(Brake Mode)
Vstorage = 12V; VA =Vlogic = 0
0.1
1
µA
SEQUENCE INCREMENT
tseq
Time Between Rising Edges
1
µs
OUTPUT TRANSCONDUCTANCE AMPLIFIER Note: Measure at OTA Comp. pin.
Voh
Voltage Output High
VA = 10.5V
10
V
VoutL
Output Voltage
2.0
V
Isource
Output Voltage
40.0
0.5
V
Isink
Output Sink Current
40.0
µA
LOGIC SECTION
VinH
VinL
Input Voltage (All Inputs
Except Run/Brake
Vlogic = 4.5 to 5.5V
3.5
1.5
V
V
VinH
VinL
Run/Brake Input Voltage
Vlogic = 4.5 to 5.5V
2.0
1.0
V
V
IinH
IinL
Input Current
-1.0
1.0
µA
mA
VoutL
VinL
Output Voltage
Vsink = 2.0mA
Vsource = 2.0mA
4.5
0.5
V
V
Fsys
System Clock Frequency
8.0
12.0
MHz
toff/ton
Clock ON/OFF Time
20
ns
Tdelay (2)
Tdelay (1)
Tdelay (0)
Commutation Phase Delay,
in Electrical Degrees
1
0
1
2.0
1
0
0
9.4
1
1
1
18.80
1
1
0
20.68
0
0
1
22.56
0
0
0
24,44 (*)
0
1
1
26.32
0
1
0
28.20
(*) Input Default
Phase Delay Truth Table
L6238S
7/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com