Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6238S Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6238S
Description  12V SENSORLESS SPINDLE MOTOR CONTROLLER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6238S Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6238S Datasheet HTML 8Page - STMicroelectronics L6238S Datasheet HTML 9Page - STMicroelectronics L6238S Datasheet HTML 10Page - STMicroelectronics L6238S Datasheet HTML 11Page - STMicroelectronics L6238S Datasheet HTML 12Page - STMicroelectronics L6238S Datasheet HTML 13Page - STMicroelectronics L6238S Datasheet HTML 14Page - STMicroelectronics L6238S Datasheet HTML 15Page - STMicroelectronics L6238S Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
If zero crossings are detected, the sequencer will
automatically lock on to the proper phase.
This resynchronization will take effect with the
motor speed running as low as typically 30% of
it’s nominal value.
2.5 External Sequencing
Although the user-defined Start-Up Algorithm is
flexible and will consistently spin up a motor with
no external interaction, the possibility exists
where certain applications might require complete
microprocessor control of start-up.
The L6238S offers this capability via the SE-
QUENCE INCREMENT input. Referring to figure
2-5, during initial power-up with Output Enable
low, the controller is in the ”Hold and Wait for De-
cision” state. If the SEQUENCE INCREMENT pin
is brought high during this state, the Auto StartUp
Algorithm is disabled and the sequencer can be
controlled externally.
When Output Enable and Run/Brake are
brought high, the sequencer is incremented on
each positive transition o the SEQUENCER IN-
CREMENT pin. During the time that this pin is
high, all Bemf information is masked out. When it
is low, the Bemf information can be detected nor-
mally after the internal mask time. The minimum
mask time is 192/Sys_Clk (i.e. with Sys_Clk =
10MHz, min. mask = 19.2
µs) Therefore to insure
that the sequencer is under complete control of
the state machine, the time that the SEQUENCE
INCREMENT pin is held low should be much less
then the min. mask time, but greater then 1
µs.
When the motor has reached a predetermined
speed, the SEQUENCE INCREMENT pin can be
left low and the L6238S Motor Control logic will
take over and automatically spin up the motor to
the desired speed
.
3.0 START-UP ALGORITHMS
3.1 Spin-Up Operation
The spin operation can be separated into 3 parts:
1) Open Loop Start-Up - The object is to create
motion in the desired direction so that the Bemf
voltages at the 3 motor terminals can provide reli-
able information enabling a transition to closed
loop operation.
STATE=1
DRIVERS OFF
MIN CLOCK DELAY
PERIOD STOP
DELAY STOP
MASK STOP
INT START-UP DISABLED
MIN CLOCK DELAY
LOAD MIN DELAY
LOAD MIN MASK
MASK COUNT
SEQINC=1 &
OUTENA=0
RUN/BRK=X
D95IN313
*VALID IF SEQINC=0, AND DELAY TIMES OUT
**CLOCK DELAY=F(TDLY_[2:0])
WHEN BEMF PERIOD <3.3ms @ 10MHz (SPEED >12.7Hz FOR 8 POLES)
SEQINC=0
STATE=STATE+1
MASK COUNT
LOAD DELAY=PERIOD
LOAD MASK=PERIOD
RESET PERIOD
PERIOD COUNT
DELAY COUNT**
BEMF
POR=0
FROM ANY STATE
DRIVERS ON
PERIOD COUNT
DELAY COUNT
SEQINC=0
BEMF
SEQINC=1
STATE=STATE+1
SEQINC=1
FROM ANY STATE
WITH SEQ_INC=0
RETURN TO
PREVIOUS STATE
(CHANGING SEQINC=1)
RUN/BRK=1 &
OUTENA=1
SEQINC=1
Figure 2-5
L6238S
12/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com