Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6238S Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6238S
Description  12V SENSORLESS SPINDLE MOTOR CONTROLLER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6238S Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6238S Datasheet HTML 19Page - STMicroelectronics L6238S Datasheet HTML 20Page - STMicroelectronics L6238S Datasheet HTML 21Page - STMicroelectronics L6238S Datasheet HTML 22Page - STMicroelectronics L6238S Datasheet HTML 23Page - STMicroelectronics L6238S Datasheet HTML 24Page - STMicroelectronics L6238S Datasheet HTML 25Page - STMicroelectronics L6238S Datasheet HTML 26Page - STMicroelectronics L6238S Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Coff to discharge to dischargte through Rslew, initi-
ating the Constant-OFF time-out. When the volt-
age on Coff reaches 1.2V, comparator A1switches
state toggling the latch in the opposite state, turn-
ing the upper driver back ON. SW1 also closed
quickly charging up Coff for the next cycle.
5.1 PWM Design Considerations
In order to select the parameters associated with
PWM operation, the following factors must be
taken into consideration:
1. PWM Switching Frequency
2. Duty Cycle
3. Motor Currents
4. Minimum ON Time
5. Noise Blanking
6. Bemf Masking/Sampling
5.1.1. PWM Switching Frequency
The PWM switching frequency Fpwm is found
from:
Fpwm =
1
Ton
+ Toff
(5.1.1)
where:
Ton = The time required for the motor current
to reach the commanded level.
Toff = The programmed OFF time.
The two main considerations for this parameter
are the minimum and maximum switching fre-
quency.
The maximum switching frequency occurs during
the Start-up and should be kept below 50KHz due
tointentional bandwidth limitations and output
switching losses.
5.1.2 Duty Cycle
Besides reducing the power dissipation of the
controller output stage, running in PWM offers 2
additional ”free” benefits:
A. Reduced Powe Supply Current at Start Up
B. Lower Power Rating for the Motor Current
Sense Resistor.
Figure 5-2 is the current path during the ON time
of a phase period. The current from the supply
passes through the upper sourcing DMOS, Q3
transistor through the two driven winding, the
lower DMOS, Q2 and finally through the current
sensing resistor Rsns. Since both Q3 and Q4 are
ON, while Q3 is turned OFF. The voltage, causing
the current to continue to flow through Q2, and
Q4.
If the duty cycle is nearor at 50%, then for 1/2 the
PWM cycle, no current is flowing from the power
supply or the sense resistor while current is still
flowing in the motor. This lowers the requirement
for both the Power Supply and the Power Rating
for the sensing resistor.
5.1.3 Motor Currents
Note: It is not the objective of this section to describe the principles
of brushless DC motor, but to provide sufficient information about the
parameters associated with PWM operation in order to optimize an
application.
A simplified model of a motor is shown in figure 5-
4. For this discussion, lower order effects due to
mutual inductance between windings, resistance
due to losses in the magnetic circuit, etc. are not
shown.
The motor at stall is equal to a resistance, Rmtr,
in series with an inductance, Lmtr. When the mo-
tor is rotating, there is an induced emf that ap-
pears across the armaure terminals and is shown
in figure 5-4 as an internally generated voltage
Ibemf), Eg.
L1
L2
OUTPUTA
OUTPUTB
D2
D1
D4
D3
Q1
Q2
Q3
Q4
VPOWER
RSENSE
RSNS
D95IN319
Figure 5-2
L1
L2
OUTPUTA
OUTPUTB
D2
D1
D4
D3
Q1
Q2
Q3
Q4
VPOWER
RSENSE
RSNS
D95IN320
Figure 5-3
L6238S
23/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com