Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXLSMCGLCE170AE3 Datasheet(PDF) 6 Page - Microchip Technology

Part # MXLSMCGLCE170AE3
Description  1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXLSMCGLCE170AE3 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MXLSMCGLCE170AE3 Datasheet HTML 2Page - Microchip Technology MXLSMCGLCE170AE3 Datasheet HTML 3Page - Microchip Technology MXLSMCGLCE170AE3 Datasheet HTML 4Page - Microchip Technology MXLSMCGLCE170AE3 Datasheet HTML 5Page - Microchip Technology MXLSMCGLCE170AE3 Datasheet HTML 6Page - Microchip Technology MXLSMCGLCE170AE3 Datasheet HTML 7Page - Microchip Technology MXLSMCGLCE170AE3 Datasheet HTML 8Page - Microchip Technology MXLSMCGLCE170AE3 Datasheet HTML 9Page - Microchip Technology MXLSMCGLCE170AE3 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MSMCGLCE6.5A – MXLSMCGLCE170Ae3, MSMCJLCE6.5A – MXLSMCJLCE170Ae3
Electrical Characteristics
 Data Sheet
© 2013-2026 Microchip Technology Inc. and its subsidiaries
DS00005170C - 6
Table 3-1. Electrical Characteristics at 25 °C Unless Otherwise Stated (continued)
Part Number
Working
Standoff
Voltage
VWM
Volts
Breakdown Voltage
V(BR) at I(BR)
Volts
Maximum
Standby
Current
at VWM
ID
μA
Maximum
Clamping
Voltage
at IPP
VC
Volts
Maximum
Peak Pulse
Current IPP
at 10/1000
Amps
Working
Inverse
Blocking
Voltage
VWIB
Volts
Peak
Inverse
Blocking
Voltage
VPIB
Volts
Min.
Max.
mA
MSMCxLCE100A
MSMCxLCE110A
100
110
111
122
123
135
1
1
5
5
162
178
9.3
8.4
300
300
200
400
MSMCxLCE120A
MSMCxLCE130A
120
130
133
144
147
159
1
1
5
5
193
209
7.8
7.2
300
300
400
400
MSMCxLCE150A
MSMCxLCE160A
150
160
167
178
185
197
1
1
5
5
243
259
6.2
5.8
300
300
400
400
MSMCxLCE170A
170
189
209
1
5
275
5.4
300
400
Notes: 
1. Normal selection criteria for TVS devices is by working standoff voltage (VWM) and should be
equal or greater than DC or continuous peak operating voltage.
2. TVS devices are tested to maximum peak pulse current (IPP) with clamping voltage monitored.
This surge capability is one of the most significant electrical characteristics of the device and
should be considered as part of customer quality inspections. Test in TVS avalanche direction.
Do not pulse in “forward” direction. See Application Schematics.
3. Maximum capacitance of MLCE series at 0 Volts:
– is 100 pF for VWM 6.5 to 58V
– is 90 pF for VWM 60 to 170V
4. VWIB is at Inverse Blocking Leakage Current (IIB) of 10 µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com