Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXLSMCGLCE170AE3 Datasheet(PDF) 10 Page - Microchip Technology

Part # MXLSMCGLCE170AE3
Description  1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXLSMCGLCE170AE3 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MXLSMCGLCE170AE3 Datasheet HTML 5Page - Microchip Technology MXLSMCGLCE170AE3 Datasheet HTML 6Page - Microchip Technology MXLSMCGLCE170AE3 Datasheet HTML 7Page - Microchip Technology MXLSMCGLCE170AE3 Datasheet HTML 8Page - Microchip Technology MXLSMCGLCE170AE3 Datasheet HTML 9Page - Microchip Technology MXLSMCGLCE170AE3 Datasheet HTML 10Page - Microchip Technology MXLSMCGLCE170AE3 Datasheet HTML 11Page - Microchip Technology MXLSMCGLCE170AE3 Datasheet HTML 12Page - Microchip Technology MXLSMCGLCE170AE3 Datasheet HTML 13Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MSMCGLCE6.5A – MXLSMCGLCE170Ae3, MSMCJLCE6.5A – MXLSMCJLCE170Ae3
Package Dimensions
 Data Sheet
© 2013-2026 Microchip Technology Inc. and its subsidiaries
DS00005170C - 10
6.
Package Dimensions
Figure 6-1. SMCG (DO-215AB)
Ltr
Dimensions
Inch
Millimeters
Min.
Max.
Min.
Max.
A
0.115
0.121
2.92
3.07
B
0.260
0.280
6.60
7.11
C
0.220
0.245
5.59
6.22
E1
0.077
0.110
1.95
2.80
F
0.380
0.400
9.65
10.16
K
0.025
0.040
0.635
1.016
Note: 
1. Dimension “E” exceeds the JEDEC outline as shown.
Typical stand-off height: 0.004”–0.008” (0.1 mm – 0.2
mm).
Figure 6-2. SMCJ (DO-214AB)
Ltr
Dimensions
Inch
Millimeters
Min.
Max.
Min.
Max.
A
0.115
0.121
2.92
3.07
B
0.260
0.280
6.60
7.11
C
0.220
0.245
5.59
6.22
D
0.305
0.320
7.75
8.13
E
0.077
0.110
1.95
2.80
L
0.030
0.060
0.760
1.52
Note: 
1. Dimension “E” exceeds the JEDEC outline in height as
shown. Typical stand-off height: 0.004”–0.008” (0.1 mm –
0.2 mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com