| Electronic Components Datasheet Search |
|
MXLSMCGLCE170AE3 Datasheet(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MXLSMCGLCE170AE3 Datasheet(HTML) 9 Page - Microchip Technology |
|
9 / 13 page ![]() MSMCGLCE6.5A – MXLSMCGLCE170Ae3, MSMCJLCE6.5A – MXLSMCJLCE170Ae3 Application Schematics Data Sheet © 2013-2026 Microchip Technology Inc. and its subsidiaries DS00005170C - 9 5. Application Schematics The TVS low capacitance device configuration is shown in Figure 5-1. As a further option for unidirectional applications, an additional low capacitance rectifier diode may be used in parallel in the same polarity direction as the TVS as shown in Figure 5-2. In applications where random high voltage transients occur, this will prevent reverse transients from damaging the internal low capacitance rectifier diode and also provide a low voltage conducting direction. The added rectifier diode should be of similar low capacitance and also have a higher reverse voltage rating than the TVS clamping voltage VC. The Microchip recommended rectifier part number for the application in Figure 5-2 is the “SMBJLCR80” or “SMBGLCR80” depending on the terminal configuration desired. If using two (2) low capacitance TVS devices in anti-parallel for bidirectional applications, this added protective feature for both directions (including the reverse of each rectifier diode) is inherently provided in Figure 5-3. The unidirectional and bidirectional configurations in Figure 5-2 and Figure 5-3 will both result in twice the capacitance of Figure 5-1. Figure 5-1. TVS With Internal Low Capacitance Rectifier Diode Figure 5-2. Optional Unidirectional Configuration (TVS and Separate Rectifier Diode in Parallel) Figure 5-3. Optional Bidirectional Configuration (Two TVS Devices in Anti-Parallel) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |