Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7491EEE Datasheet(PDF) 10 Page - Analog Devices

Part # MAX7491EEE
Description  Dual Universal Switched-Capacitor Filters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7491EEE Datasheet(HTML) 10 Page - Analog Devices

Back Button MAX7491EEE Datasheet HTML 6Page - Analog Devices MAX7491EEE Datasheet HTML 7Page - Analog Devices MAX7491EEE Datasheet HTML 8Page - Analog Devices MAX7491EEE Datasheet HTML 9Page - Analog Devices MAX7491EEE Datasheet HTML 10Page - Analog Devices MAX7491EEE Datasheet HTML 11Page - Analog Devices MAX7491EEE Datasheet HTML 12Page - Analog Devices MAX7491EEE Datasheet HTML 13Page - Analog Devices MAX7491EEE Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Dual Universal Switched-Capacitor Filters
10
______________________________________________________________________________________
Table 1. Filter Operating Modes
MODE
LP
HP
BP
N
LP-N*
HP-N*
COMMENTS
1
••
•
fCLK/fO ratio is the nominal value. Good for bandpass filters
with identical sections cascaded, higher order Butterworth filters,
high-Q bandpass, low-Q notches.
1B
••
•
Same as Mode 1 with fCLK/fO ratios greater than the nominal
value.
2
••
•
Combination of Mode 1 and Mode 3; fCLK/fO ratios always
less than the nominal value. Less sensitivity to resistor tolerances
than Mode 3.
2N
•
Extension of Mode 2 that allows higher frequencies. Highpass
and lowpass outputs are summed with external op amp and
two resistors. Good for lowpass elliptic filters.
3
••
•
Adjustable fO above and below the nominal frequency.
Commonly used for multiple-pole Chebyshev filters, all-pole
higher order bandpass, lowpass, and highpass filters.
3A
••
•
•
•
Extension of Mode 3 that needs an external op amp and
two additional resistors. Commonly used for lowpass or higher
elliptic or Cauer filters.
*
LP-N = lowpass notch, HP-N = highpass notch. Both require an external op amp. See Definition of Terms (Table 2).
Table 2. Definition of Terms
TERM
DEFINITION
fCLK
The clock frequency applied to the switched-capacitor filter.
fO
The center frequency of the 2nd-order complex pole pair, fO, is determined by measuring the peak response
frequency at the bandpass output.
fNOTCH
The frequency of minimum amplitude response at the notch output.
Q
Quality factor, or Q, is the ratio of fO to the -3dB bandwidth of the 2nd-order bandpass filter. Q also determines
the amount of amplitude peaking at the lowpass and highpass outputs, but is not measured at these outputs.
HOBP
The gain in V/V of the bandpass output at f = fO.
HOLP
The gain in V/V of the lowpass output at f
→0Hz.
HOHP
The gain in V/V of the highpass output at f
→fCLK/2.
HON1
The notch output gain as f
→0Hz.
HON2
The notch output gain at f = fCLK/2.
LP-N
A notch output with HON1 > HON2.
HP-N
A notch output with HON1 < HON2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com