Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7491EEE Datasheet(PDF) 12 Page - Analog Devices

Part # MAX7491EEE
Description  Dual Universal Switched-Capacitor Filters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7491EEE Datasheet(HTML) 12 Page - Analog Devices

Back Button MAX7491EEE Datasheet HTML 8Page - Analog Devices MAX7491EEE Datasheet HTML 9Page - Analog Devices MAX7491EEE Datasheet HTML 10Page - Analog Devices MAX7491EEE Datasheet HTML 11Page - Analog Devices MAX7491EEE Datasheet HTML 12Page - Analog Devices MAX7491EEE Datasheet HTML 13Page - Analog Devices MAX7491EEE Datasheet HTML 14Page - Analog Devices MAX7491EEE Datasheet HTML 15Page - Analog Devices MAX7491EEE Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Dual Universal Switched-Capacitor Filters
12
______________________________________________________________________________________
Mode 2 Design Equations
Mode 2N
Figure 5 shows the configuration of Mode 2N. This
mode extends the topology of Mode 3A to Mode 2,
where the highpass and lowpass outputs are summed
through two external resistors, RH and RL, to create a
lowpass notch filter that has higher frequency than the
one in Mode 2. Mode 2 is most useful in lowpass elliptic
designs. When cascading the sections of the
MAX7490/MAX7491, the highpass and lowpass outputs
can be summed directly into the inverting input of the
next section. Only one external op amp is needed.
Mode 2N Design Equations
f
f
R
R
f
fR
R
Q
R
R
R
R
Hf
Hz
R
R
R
R
R
R
R
RR
O
CLK
n
CLK
H
L
ON
G
H
G
L
=+
=+
=+
→=
+
⎛
⎝
⎜
⎞
⎠
⎟
⎛
⎝
⎜
⎞
⎠
⎟
+
⎛
⎝
⎜
⎞
⎠
⎟
100
1
2
4
100
1
3
2
1
2
4
0
2
1
4
42
1()
f
f
R
R
f
f
Q
R
R
R
R
H
R
R
R
RR
H
R
R
Hf
Hz
R
R
R
RR
Hat f
f
R
R
O
CLK
n
CLK
OLP
OBP
ON
ON
CLK
=+
=
=+
=
+
⎛
⎝
⎜
⎞
⎠
⎟
=
→=
+
⎛
⎝
⎜
⎞
⎠
⎟
==
−
−
−
−
100
1
2
4
100
3
2
1
2
4
2
1
4
42
3
1
0
2
1
4
42
2
2
1
1
2
()
(/ )
Σ
∫
∫
LP
BP
S
HP/N
R3
R4
R2
R1
VIN
CC
COM
COM
LOWPASS
NOTCH
OUTPUT
+
-
RH
RL
RG
Figure 5. Mode 2N, 2nd-Order Filter Providing a Lowpass Notch Output
Σ
∫
∫
LP
BP
S
HP/N
R3
R4
R2
R1
VIN
CC
COM
+
-
Figure 4. Mode 2, 2nd-Order Filter Providing a Highpass
Notch, Bandpass, and Lowpass Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com