Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7491EEE Datasheet(PDF) 15 Page - Analog Devices

Part # MAX7491EEE
Description  Dual Universal Switched-Capacitor Filters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7491EEE Datasheet(HTML) 15 Page - Analog Devices

Back Button MAX7491EEE Datasheet HTML 10Page - Analog Devices MAX7491EEE Datasheet HTML 11Page - Analog Devices MAX7491EEE Datasheet HTML 12Page - Analog Devices MAX7491EEE Datasheet HTML 13Page - Analog Devices MAX7491EEE Datasheet HTML 14Page - Analog Devices MAX7491EEE Datasheet HTML 15Page - Analog Devices MAX7491EEE Datasheet HTML 16Page - Analog Devices MAX7491EEE Datasheet HTML 17Page - Analog Devices MAX7491EEE Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Dual Universal Switched-Capacitor Filters
______________________________________________________________________________________
15
Input Signal Amplitude Range
The optimal input signal range is determined by
observing the voltage level at which the signal-to-noise
plus distortion (SINAD) ratio is maximized for a given
corner frequency. The
Typical Operating Character-
istics show the THD + Noise response as the input sig-
nal’s peak-to-peak amplitude is varied. In most
systems, the input signal should be kept as large as
possible to maximize the signal-to-noise ratio (SNR).
Allow sufficient headroom to ensure no signal clipping
under expected operating conditions.
Anti-Aliasing and Post-DAC Filtering
When using the MAX7490/MAX7491 for anti-aliasing or
post-DAC filtering, synchronize the DAC (or ADC) and
the filter clocks. If the clocks are not synchronized,
beat frequencies may alias into the desired passband.
Aliasing
Aliasing is an inherent phenomenon of most switched-
capacitor filters. As with all sampled systems, frequen-
cy components of the input signal above one half the
sampling rate will be aliased. The MAX7490/MAX7491
sample at twice the clock frequency, yielding a 200:1
sampling to cutoff frequency ratio.
In particular, input signal components (fIN) near the
sampling rate generate a difference frequency
(fSAMPLING - fIN) that often falls within the passband of
the filter. Such aliased signals, when they appear at the
output, are indistinguishable from real input informa-
tion. For example, the aliased output signal generated
when a 99kHz waveform is applied to a filter sampling
at 100kHz, (fCLK = 50kHz) is 1kHz. This waveform is an
attenuated version of the output that would result from
a true 1kHz input. Since sampling is done at twice the
clock frequency, the Nyquist frequency is the same as
the clock frequency.
A simple passive RC lowpass input filter is usually suffi-
cient to remove input frequencies that can be aliased.
In many cases, the input signal itself may be band limit-
ed and require no special anti-alias filtering. Selecting
a passive filter cutoff frequency equal to fC/2 gives
12dB rejection at the Nyquist frequency.
Clock Feedthrough
Clock feedthrough is defined as the RMS value of the
clock frequency and its harmonics that are present at
the filter’s output pins, even without input signal. The
clock feedthrough can be greatly reduced by adding a
simple RC lowpass network at the final filter output.
Choose a cutoff frequency as low as possible to pro-
vide maximum noise attenuation. The attenuation and
phase shift of the external filter will limit the actual fre-
quency selected.
VDD
V+
V-
CLK
GND
0.1
μF
CLOCK
*DRIVE SHDN TO V- FOR LOW-POWER
SHUTDOWN MODE.
SHDN
COM
0.1
μF
MAX7490
MAX7491
*
V+
V-
Figure 9. Dual-Supply Operation
MODE
VOSN/HP
VOSBP
VOSLP
1
VOS1[1 + (R2 / R3) + (R2 / R1)] - (VOS3)
(R2 / R3)
VOS3
VOSN/HP - VOS2
1b
VOS1[1 + (R2 / R3) + (R2 / R1)] - (VOS3)
(R2 / R3)
VOS3
(VOSN/HP - VOS2)[1 + R5 / R6)]
2
VOS1[1 + (R2 / R3) + (R2 / R1) + (R2 / R4) -
(VOS3)(R2 / R3)][R4 / R2 + R4] +
(VOS2)[R2 / R2 + R4]
VOS3
VOSN/HP - VOS2
3VOS2
VOS3
VOS1[1 + (R4 / R1) + (R4 / R2) + (R4 / R3)] - (VOS2)
(R4 / R2) - (VOS3)(R4 / R3)
Table 4. Output DC Offsets for a 2nd-Order Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com