Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7491EEE Datasheet(PDF) 13 Page - Analog Devices

Part # MAX7491EEE
Description  Dual Universal Switched-Capacitor Filters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7491EEE Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX7491EEE Datasheet HTML 9Page - Analog Devices MAX7491EEE Datasheet HTML 10Page - Analog Devices MAX7491EEE Datasheet HTML 11Page - Analog Devices MAX7491EEE Datasheet HTML 12Page - Analog Devices MAX7491EEE Datasheet HTML 13Page - Analog Devices MAX7491EEE Datasheet HTML 14Page - Analog Devices MAX7491EEE Datasheet HTML 15Page - Analog Devices MAX7491EEE Datasheet HTML 16Page - Analog Devices MAX7491EEE Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Dual Universal Switched-Capacitor Filters
______________________________________________________________________________________
13
Mode 3
Figure 6 shows the configuration of Mode 3. This mode
is a sampled time (Z transform) equivalent of the classi-
cal 2nd-order state variable filter. In this versatile mode,
the ratio of resistors R2 and R4 can move the center
frequency both above and below the nominal ratio.
Mode 3 is commonly used to make multiple-pole
Chebyshev filters with a single clock frequency. This
mode can also be used to make high-order all-pole
bandpass, lowpass, and highpass filters.
Mode 3 Design Equations
Mode 3A
Figure 7 shows the configuration of Mode 3A. Similar to
Mode 2, this mode adds an external op amp. See
Table 3 for op amp selection ideas. This op amp cre-
ates a highpass notch and lowpass notch by summing
the highpass and lowpass outputs through two external
resistors, RH and RL. The ratio of resistors RH and RL
adjusts the notch frequency, while R2 and R4 adjust
the bandpass center frequency, since the notch (zero
pair) frequency can be adjusted to both above and
below fO. Mode 3A is suitable for both lowpass and
highpass elliptic or Cauer filters. In multipole elliptic fil-
ters, only one external op amp is needed. Use the
inverting input of the internal op amp as the summing
node for all but the final section of the filter.
fO
fCLK R
R
Q
R
R
R
R
HOHP
R
R
HOLP
R
R
HOBP
R
R
=
=
=
=
=
−
−
−
100
2
4
3
2
2
4
2
1
4
1
3
1
Σ
∫
∫
LP
BP
HP
R3
R4
R2
R1
VIN
CC
COM
+
-
S
COM
Figure 6. Mode 3, 2nd-Order Section Providing Highpass,
Bandpass, and Lowpass Outputs
Σ
LP
BP
N/HP
R3
R4
R2
R1
VIN
CC
COM
COM
LOWPASS
NOTCH
OUTPUT
+
-
RH
RL
RG
S
COM
Figure 7. Mode 3A, 2nd-Order Filter Providing Highpass Notch or Lowpass Notch Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com