Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4086BBCZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD4086BBCZ
Description  14-Bit, 40 MSPS, Low Noise, Low Power SAR ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4086BBCZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD4086BBCZ Datasheet HTML 25Page - Analog Devices AD4086BBCZ Datasheet HTML 26Page - Analog Devices AD4086BBCZ Datasheet HTML 27Page - Analog Devices AD4086BBCZ Datasheet HTML 28Page - Analog Devices AD4086BBCZ Datasheet HTML 29Page - Analog Devices AD4086BBCZ Datasheet HTML 30Page - Analog Devices AD4086BBCZ Datasheet HTML 31Page - Analog Devices AD4086BBCZ Datasheet HTML 32Page - Analog Devices AD4086BBCZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 91 page
background image
Data Sheet
AD4086
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 29 of 91
REFERENCE CIRCUITRY DESIGN
The AD4086 requires a low noise, high precision and stability,
and low temperature drift external reference of 3V. This reference
defines a differential input range for the ADC of ±VREFIN. The refer-
ence must be within ±5mV of +3V. Recommended references are
LTC6655, LT6657, or ADR4530. For best performance, however,
use the LTC6655 external reference. Table 13 details the typical
parameters of the previously mentioned references, comparing
absolute accuracy, noise, temperature drift, load regulation, and
power consumption. For more detailed specifications, refer to the
data sheet of the given product.
Table 13. Comparison of the Main Parameters of the LTC6655, LT6657, and
ADR4530 References
Parameter
LTC6655
LT6657
ADR4530B
Accuracy
0.025%
0.1%
0.02%
Temperature Coefficient
(ppm/°C)
2
1.5
2
0.1Hz to 10Hz Noise (ppm p-p) 0.25
0.5
0.53
Maximum Load (mA)
±5
±10
±10
Load Regulation (ppm/mA)
3
0.7
30
Maximum Supply (V)
13.2
40
15
Shutdown
Yes
Yes
No
Supply Current, IS (mA)
5
1.2
0.7
There is no need for the external reference capacitor because
the AD4086 embeds one internally, 9.4μF, (see Figure 46). The
REFIN reference input pin is internally buffered, which substantial-
ly reduces ADC conversion transients and isolates the external
reference from these transients. Therefore, no external amplifier is
required to buffer the external reference. For the reference input
capacitance (C REF IN) and reference output capacitance (C REF
OUT) values, refer to the given external reference IC data sheet
recommendations. As a layout recommendation, the external refer-
ence chip must be placed as close as possible to the AD4086
and its REFIN pin to minimize the series impedance of the track
connecting the REFIN pin to the external reference output. It is
recommended to minimize the exposure of this track to noisy
signals, especially digital ones.
Figure 46. AD4086 General External Reference Design Functional Diagram
DATA INTERFACE CLOCKING SOLUTION
When designing the LVDS data interface (see the LVDS Data Inter-
face section), the user must ensure the clocking solution adheres
to the timing specifications of the AD4086 (see Table 2). When
configured for LVDS mode data interface, the user must ensure
that timing specifications stay within the maximum conversion to
clock alignment time of ±535ps (tCCA). In addition, ensure that
a low jitter conversion (CNV) clock is provided such that there
is no unwanted impact to SNR performance. This jitter is signal
frequency dependent; therefore, the level of jitter tolerable in a
given system is dependent on the application use case. The Analog
Devices technical article Maximum SNR vs Clock Jitter provides
further guidance on this topic.
For example, a recommended clocking solution for where the
AD4086 is configured to use the LVDS data interface with a single
lane enabled and using echo clock mode. In this example, a 25MHz
oscillator is selected with low phase noise and jitter. The MT-008
tutorial serves as an aid to convert between phase noise and
RMS phase jitter, often quoted interchangeably in crystal oscillator
product data sheets. The ADF4350 wideband synthesizer with an
integrated voltage-controlled oscillator (VCO) serves as versatile
means of generating a 280MHz clock system clock, while maintain-
ing low jitter and offering flexibility and control to reconfigure this
frequency depending on the application needs. This clock then
feeds the AD9508 clock fanout buffer with output dividers that can
be configured for the desired LVDS level signaling. In the example
shown in Figure 47, one output channel is set to divide by 1 to
output the LVDS clock, while another output channel is configured
to divide by 7 to output the AD4086 conversion clock. This 1:7 ratio
of CNV:CLK frequencies ensures 14 bits of data can be read out
in on the double data rate (DDR), single lane, LVDS data interface.
For a dual lane configuration, such as shown in Figure 48, this ratio
is adjust to 1:4.
The example shows that echo clock mode is used and aids data
alignment for the host controller (in the case a field-programmable
gate array (FPGA)). In self clock mode, where DCO+ and DCO−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com