Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RY8411 Datasheet(PDF) 7 Page - RYCHIP Semiconductor Inc.

Part # RY8411
Description  Standoff 42V 1.2A 800KHz Sync Step-Down Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RYCHIP [RYCHIP Semiconductor Inc.]
Direct Link  https://www.rychip.com/en/
Logo RYCHIP - RYCHIP Semiconductor Inc.

RY8411 Datasheet(HTML) 7 Page - RYCHIP Semiconductor Inc.

Back Button RY8411 Datasheet HTML 3Page - RYCHIP Semiconductor Inc. RY8411 Datasheet HTML 4Page - RYCHIP Semiconductor Inc. RY8411 Datasheet HTML 5Page - RYCHIP Semiconductor Inc. RY8411 Datasheet HTML 6Page - RYCHIP Semiconductor Inc. RY8411 Datasheet HTML 7Page - RYCHIP Semiconductor Inc. RY8411 Datasheet HTML 8Page - RYCHIP Semiconductor Inc. RY8411 Datasheet HTML 9Page - RYCHIP Semiconductor Inc. RY8411 Datasheet HTML 10Page - RYCHIP Semiconductor Inc. RY8411 Datasheet HTML 11Page - RYCHIP Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
RY8411
Email: support@rychip.com
http://www.rychip.com
©RYCHIP Semiconductor Inc.
Standoff 42V 1.2A 800KHz Sync Step-Down Regulator
Page 7 / 13
Functional Block Diagram
Bias&Ref
Regulator
Error Amplifier
Slope
Compensation
Comparator
Fault
Detection
0.8/2MHz
Clock
OTP
Driver
Valley Curve
Detection
Peak Curve
Detection
EN
FB
IN
BS
SW
GND
Block Diagram
Functions Description
Internal Regulator
The RY8411 is a current mode step down DC/DC converter that provides excellent transient response with no extra
external compensation components. This device contains an internal, low resistance, high voltage power MOSFET,
and operates at a high 800KHz operating frequency to ensure a compact, high efficiency design with excellent AC
and DC performance.
Error Amplifier
The error amplifier compares the FB pin voltage with the internal FB reference (VFB) and outputs a current
proportional to the difference between the two. This output current is then used to charge or discharge the internal
compensation network, which is used to control the power MOSFET current. The optimized internal compensation
network minimizes the external component counts and simplifies the control loop design.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip from operating at an insufficient supply voltage. UVLO protection
monitors the internal regulator voltage. When the voltage is lower than UVLO threshold voltage, the device is shut
off. When the voltage is higher than UVLO threshold voltage, the device is enabled again.
Thermal Shutdown
Thermal shutdown prevents the chip from operating at exceedingly high temperatures. When the silicon die
temperature exceeds 150°C, it shuts down the whole chip. When the temperature falls below its lower threshold
(Typ. 130°C) the chip is enabled again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com