Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RY8411 Datasheet(PDF) 10 Page - RYCHIP Semiconductor Inc.

Part # RY8411
Description  Standoff 42V 1.2A 800KHz Sync Step-Down Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RYCHIP [RYCHIP Semiconductor Inc.]
Direct Link  https://www.rychip.com/en/
Logo RYCHIP - RYCHIP Semiconductor Inc.

RY8411 Datasheet(HTML) 10 Page - RYCHIP Semiconductor Inc.

Back Button RY8411 Datasheet HTML 5Page - RYCHIP Semiconductor Inc. RY8411 Datasheet HTML 6Page - RYCHIP Semiconductor Inc. RY8411 Datasheet HTML 7Page - RYCHIP Semiconductor Inc. RY8411 Datasheet HTML 8Page - RYCHIP Semiconductor Inc. RY8411 Datasheet HTML 9Page - RYCHIP Semiconductor Inc. RY8411 Datasheet HTML 10Page - RYCHIP Semiconductor Inc. RY8411 Datasheet HTML 11Page - RYCHIP Semiconductor Inc. RY8411 Datasheet HTML 12Page - RYCHIP Semiconductor Inc. RY8411 Datasheet HTML 13Page - RYCHIP Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
RY8411
Email: support@rychip.com
http://www.rychip.com
©RYCHIP Semiconductor Inc.
Standoff 42V 1.2A 800KHz Sync Step-Down Regulator
Page 10 / 13
Selecting the Input Capacitor
The input current to the step-down converter is discontinuous and therefore requires a capacitor to supply AC current
to the step-down converter while maintaining the DC input voltage. For a better performance, use ceramic capacitors
placed as close to VIN as possible and a 0.1µF input capacitor to filter out high frequency interference is
recommended. Capacitors with X5R and X7R ceramic dielectrics are recommended because they are stable with
temperature fluctuations.
The capacitors must also have a ripple current rating greater than the maximum input ripple current of the converter.
The input ripple current can be estimated with Equation:
������������������������������������������������=������������������������������������������������×�������������������������������������������������������������������������������������×�1−�������������������������������������������������������������������������������������
From the above equation, it can be concluded that the input ripple current reaches its maximum at VIN=2VOUTwhere
I������������������������������������=������������������������������������������������2.Forsimplification,chooseaninputcapacitorwithanRMScurrentratinggreaterthanhalfofthe
maximum load current.
The input capacitance value determines the input voltage ripple of the converter. If there is an input voltage ripple
requirement in the system, choose the input capacitor that meets the specification. The input voltage ripple can be
estimate with Equation:
∆������������������������������������= ������������������������������������������������
������������������������������������������������×������������������������������������×������������������������������������������������������������������������������������×�1−�������������������������������������������������������������������������������������
Similarly,
when VIN=2VOUT, input voltage ripple reaches its maximum of
∆������������������������������������=14× ������������������������������������������������������������������������������������������������×������������������������������������.
Selecting the Output Capacitor
An output capacitor is required to maintain the DC output voltage. The output voltage ripple can be estimated with
Equation:
∆������������������������������������������������= ������������������������������������������������������������������������������������������������×������������×�1−�������������������������������������������������������������������������������������×�������������������������������������������������+ 1
8�������������������������������������������������������������������������������������������������
There are some differences between different types of capacitors. In the case of ceramic capacitors, the impedance
at the switching frequency is dominated by the capacitance. The output voltage ripple is mainly caused by the
capacitance. For simplification, the output voltage ripple can be estimated with Equation:
∆������������������������������������������������= ������������������������������������������������
8×������������������������������������������������2×������������×������������������������������������������������×�1−�������������������������������������������������������������������������������������
A larger output capacitor can achieve a better load transient response, but the maximum output capacitor limitation
should also be considered in the design application. If the output capacitor value is too high, the output voltage will
not be able to reach the design value during the soft-start time and will fail to regulate. The maximum output
capacitor value (COUT_MAX) can be limited approximately with Equation:
������������������������������������������������_������������������������������������=�������������������������������������������������_������������������������������������−�������������������������������������������������×������������������������������������/������������������������������������������������



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com