Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RY8411 Datasheet (PDF) - RYCHIP Semiconductor Inc.

RY8411 Datasheet PDF - RYCHIP Semiconductor Inc.
Part # RY8411
Download  RY8411 Download
File Size   988.63 Kbytes
Page   13 Pages
Manufacturer  RYCHIP [RYCHIP Semiconductor Inc.]
Direct Link  https://www.rychip.com/en/
Logo RYCHIP - RYCHIP Semiconductor Inc.
Description Standoff 42V 1.2A 800KHz Sync Step-Down Regulator

RY8411 Datasheet (PDF)

Go To PDF Page Download Datasheet
RY8411 Datasheet PDF - RYCHIP Semiconductor Inc.

Part # RY8411
Download  RY8411 Click to download

File Size   988.63 Kbytes
Page   13 Pages
Manufacturer  RYCHIP [RYCHIP Semiconductor Inc.]
Direct Link  https://www.rychip.com/en/
Logo RYCHIP - RYCHIP Semiconductor Inc.
Description Standoff 42V 1.2A 800KHz Sync Step-Down Regulator

RY8411 Datasheet (HTML) - RYCHIP Semiconductor Inc.


RY8411 Product details

Features
• Wide 4V to 38V Operating Input Range
• Standoff Voltage: 42V
• 1.2A Continuous Output Current
• 800KHz Switching Frequency
• Short Protection with Foldback-Mode
• Built-in Over Current Limit
• Built-in Over Voltage Protection
• Support PSM Mode
• Internal Soft-Start
• 250mΩ/150mΩ Low RDS(ON) Internal Power
MOSFETs
• Output Adjustable from 0.8V
• No Schottky Diode Required
• Integrated internal compensation
• Thermal Shutdown
• Available in SOT23-6 Package
• -40°C to +85°C Temperature Range

Applications
• Battery-Powered Equipment
• Portable Media Players
• Industrial Distributed Power Applications
• Portable Hand-Held Instruments

General Description
The RY8411 device is high-efficiency, synchronous step-down DC/DC regulators. With a wide input range, it is
suitable for a wide range of applications, such as power conditioning from unregulated sources. It features a low
RDSON (250mΩ/150mΩ typical) internal switch for maximum efficiency (92% typical). Supports PSM mode, the
operating frequency is fixed at 800kHz, allowing the use of small external components while still being able to have
low output voltage ripple. With OVP function, the IC can stand off input voltage as high as 42V. The RY8411
supports 1.2A continuous output current, and it has a 0.8V nominal feedback voltage.
Additional features include: thermal shutdown, VIN undervoltage lockout, and gate drive undervoltage lockout. The
RY8411 is available in a low-profile SOT23-6 package.




Similar Part No. - RY8411

ManufacturerPart #DatasheetDescription
logo
RYCHIP Semiconductor In...
RY8310 RYCHIP-RY8310 Datasheet
998Kb / 13P
30V 1.2A 1.4MHz Synchronous Step-Down Regulator
More results


Similar Description - RY8411

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0033 MPS-EV0033 Datasheet
217Kb / 5P
1.2A, 6V, 800KHz Synchronous Rectified Step-Down Converter
EV0060 MPS-EV0060 Datasheet
207Kb / 5P
1.2A, 6V, 800KHz Synchronous Rectified Step-Down Converter
logo
Leshan Radio Company
LR9641 LRC-LR9641 Datasheet
861Kb / 8P
42V Input Standoff Voltage, 0.7A Step-Down Converter
logo
ACE Technology Co., LTD...
ACE728E ACE-ACE728E Datasheet
522Kb / 8P
42V Input Standoff Voltage, Step-Down LED Driver
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9641 BELLING-BL9641 Datasheet
1Mb / 7P
42V Input Standoff Voltage, 0.7A Step-Down Converter
BL9641B BELLING-BL9641B Datasheet
473Kb / 7P
42V Input Standoff Voltage, 0.4A Step-Down Converter
logo
ACE Technology Co., LTD...
ACE736E ACE-ACE736E Datasheet
644Kb / 9P
42V Input Standoff Voltage, 0.4A Step-Down Converter
VER 1.1
logo
Shenzhen Huazhimei Semi...
HM8116A HMSEMI-HM8116A Datasheet
989Kb / 13P
Standoff 42V 1.2A 800KHz Sync Step-Down Regulator
HM8119 HMSEMI-HM8119 Datasheet
1Mb / 13P
Standoff 55V 500mA 850KHz Sync Step-Down Regulator
HM8116 HMSEMI-HM8116 Datasheet
918Kb / 9P
Standoff 42V 0.6A 800kHz Sync Step-Down Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com