Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RY8310 Datasheet (PDF) - RYCHIP Semiconductor Inc.

RY8310 Datasheet PDF - RYCHIP Semiconductor Inc.
Part # RY8310
Download  RY8310 Download
File Size   998.37 Kbytes
Page   13 Pages
Manufacturer  RYCHIP [RYCHIP Semiconductor Inc.]
Direct Link  https://www.rychip.com/en/
Logo RYCHIP - RYCHIP Semiconductor Inc.
Description 30V 1.2A 1.4MHz Synchronous Step-Down Regulator

RY8310 Datasheet (PDF)

Go To PDF Page Download Datasheet
RY8310 Datasheet PDF - RYCHIP Semiconductor Inc.

Part # RY8310
Download  RY8310 Click to download

File Size   998.37 Kbytes
Page   13 Pages
Manufacturer  RYCHIP [RYCHIP Semiconductor Inc.]
Direct Link  https://www.rychip.com/en/
Logo RYCHIP - RYCHIP Semiconductor Inc.
Description 30V 1.2A 1.4MHz Synchronous Step-Down Regulator

RY8310 Datasheet (HTML) - RYCHIP Semiconductor Inc.


RY8310 Product details

Features
• Wide 4.5V to 30V Operating Input Range
• 1.2A Continuous Output Current
• 1.4MHz Switching Frequency
• Short Protection with Hiccup-Mode
• Built-in Over Current Limit
• Built-in Over Voltage Protection
• Force-PWM Mode
• Internal Soft-Start
• 200mΩ/150mΩ Low RDS(ON) Internal Power
MOSFETs
• Output Adjustable from 0.8V
• No Schottky Diode Required
• Integrated internal compensation
• Thermal Shutdown
• Available in SOT23-6 Package
• -40°C to +85°C Temperature Range

Applications
• CCTV Camera
• Flat-Panel Television and Monitor
• Battery Charger
• Distributed Power Systems

General Description
The RY8310 is a high frequency, synchronous, rectified, step-down, switch-mode converter with internal power
MOSFETs. It offers a very compact solution to provide a 1.2A continuous current over a wide input supply range,
with excellent load and line regulation.
The RY8310 requires a minimal number of readily available, external components and is available in a space saving
SOT23-6 package.




Similar Part No. - RY8310

ManufacturerPart #DatasheetDescription
logo
RYCHIP Semiconductor In...
RY8411 RYCHIP-RY8411 Datasheet
988Kb / 13P
Standoff 42V 1.2A 800KHz Sync Step-Down Regulator
More results


Similar Description - RY8310

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8259 RICHTEK-RT8259 Datasheet
209Kb / 13P
1.2A, 24V, 1.4MHz Step-Down Converter
logo
BaiDu Micro electrons C...
AE2359 BAIDUMICRO-AE2359 Datasheet
461Kb / 11P
1.2A, 24V, 1.4MHz Step-down Converter
logo
Global Mixed-mode Techn...
G5695 GMT-G5695 Datasheet
79Kb / 1P
1.4MHz 1A Synchronous Step-Down Regulator
G5728B GMT-G5728B Datasheet
185Kb / 2P
1.4MHz 1A Synchronous Step-Down Regulator
G5699 GMT-G5699 Datasheet
100Kb / 1P
Dual 1.4MHz, 1A Synchronous Step-Down Regulator
G5698 GMT-G5698 Datasheet
71Kb / 1P
1.2MHz, 1.2A Synchronous Step-Down Regulator
logo
Shenzhen Huazhimei Semi...
HM8112 HMSEMI-HM8112 Datasheet
1Mb / 7P
30V 1.2A 1.4MHz Synchronous Step-Down Regulator
logo
First Silicon Co., Ltd
FTD6811 FS-FTD6811 Datasheet
1Mb / 16P
1.5MHz 1.2A Synchronous Step-Down Regulator
logo
Unisonic Technologies
UD24121 UTC-UD24121 Datasheet
228Kb / 5P
1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER
UD32121 UTC-UD32121 Datasheet
202Kb / 5P
1.2A, 32V, 1.4MHz STEP-DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com