Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RY8310 Datasheet(PDF) 3 Page - RYCHIP Semiconductor Inc.

Part # RY8310
Description  30V 1.2A 1.4MHz Synchronous Step-Down Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RYCHIP [RYCHIP Semiconductor Inc.]
Direct Link  https://www.rychip.com/en/
Logo RYCHIP - RYCHIP Semiconductor Inc.

RY8310 Datasheet(HTML) 3 Page - RYCHIP Semiconductor Inc.

  RY8310 Datasheet HTML 1Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 2Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 3Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 4Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 5Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 6Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 7Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 8Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 9Page - RYCHIP Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RY8310
Email: support@rychip.com
http://www.rychip.com
©RYCHIP Semiconductor Inc.
30V 1.2A 1.4MHz Synchronous Step-Down Regulator
Page 3 / 13
Specifications
Absolute Maximum Ratings (1) (2)
Item
Min
Max
Unit
VIN voltage
-0.3
32
V
EN voltage
-0.3
32
V
SW voltage
-0.3
VIN+0.5V
V
BS voltage
-0.3
Vsw+5V
V
FB voltage
–0.3
6
V
Power dissipation (3)
Internally Limited
Operating junction temperature, TJ
-40
150
°C
Storage temperature, Tstg
–55
150
°C
Lead Temperature (Soldering, 10sec.)
260
°C
Note (1): Exceeding these ratings may damage the device.
Note (2): The device is not guaranteed to function outside of its operating conditions.
Note (3): The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX),
the junction-to-ambient thermal resistance, RθJA, and the ambient temperature, TA. The maximum allowable power
dissipation at any ambient temperature is calculated using: PD (MAX) = (TJ(MAX) − TA)/RθJA. Exceeding the maximum
allowable power dissipation causes excessive die temperature, and the regulator goes into thermal shutdown.
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at
TJ=160°C (typical) and disengages at TJ= 130°C (typical).
ESD Ratings
Item
Description
Value
Unit
V(ESD-HBM)
Human Body Model (HBM)
ANSI/ESDA/JEDEC JS-001-2014
Classification, Class: 2
±2000
V
V(ESD-CDM)
Charged Device Mode (CDM)
ANSI/ESDA/JEDEC JS-002-2014
Classification, Class: C0b
±200
V
ILATCH-UP
JEDEC STANDARD NO.78E APRIL 2016
Temperature Classification,
Class: I
±150
mA
Recommended Operating Conditions
Item
Min
Max
Unit
Operating junction temperature (1)
–40
125
°C
Operating temperature range
-40
85
°C
Input voltage VIN
4.5
30
V
Output current
0
1.2
A
Note (1): All limits specified at room temperature (TA = 25°C) unless otherwise specified. All room temperature
limits are 100% production tested. All limits at temperature extremes are ensured through correlation using standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com